Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB6D0N03BH8 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # MTB6D0N03BH8
Description  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB6D0N03BH8 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  MTB6D0N03BH8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB6D0N03BH8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB6D0N03BH8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB6D0N03BH8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB6D0N03BH8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB6D0N03BH8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB6D0N03BH8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB6D0N03BH8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB6D0N03BH8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : CA00H8
Issued Date : 2015.02.13
Revised Date :
Page No. : 6/9
MTB6D0N03BH8
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
20
40
60
80
100
120
140
024
68
VGS, Gate-Source Voltage(V)
VDS=10V
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJC(t)=r(t)*RθJC
2.Duty Factor, D=t1/t2
3.TJM-TC=PDM*RθJC(t)
4.RθJC=2.5°C/W


Similar Part No. - MTB6D0N03BH8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB6D0N03BF3 CYSTEKEC-MTB6D0N03BF3 Datasheet
425Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB6D0N03BF3-0-T7-X CYSTEKEC-MTB6D0N03BF3-0-T7-X Datasheet
425Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB6D0N03BI3 CYSTEKEC-MTB6D0N03BI3 Datasheet
400Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB6D0N03BI3-0-UA-G CYSTEKEC-MTB6D0N03BI3-0-UA-G Datasheet
400Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB6D0N03BJ3 CYSTEKEC-MTB6D0N03BJ3 Datasheet
433Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTB6D0N03BH8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com