Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN203CB Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIN203CB
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN203CB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIN203CB Datasheet HTML 4Page - Intersil Corporation HIN203CB Datasheet HTML 5Page - Intersil Corporation HIN203CB Datasheet HTML 6Page - Intersil Corporation HIN203CB Datasheet HTML 7Page - Intersil Corporation HIN203CB Datasheet HTML 8Page - Intersil Corporation HIN203CB Datasheet HTML 9Page - Intersil Corporation HIN203CB Datasheet HTML 10Page - Intersil Corporation HIN203CB Datasheet HTML 11Page - Intersil Corporation HIN203CB Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3-8
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) <VCC < 6V
V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . (VCC -0.3V) <V+ < 12V
V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . -12V < V- < (GND +0.3V)
Input Voltages
TIN . . . . . . . . . . . . . . . . . . . . . . . . . (V- -0.3V) < VIN < (V+ +0.3V)
RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±30V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . .(V- -0.3V) < VTXOUT < (V+ +0.3V)
ROUT . . . . . . . . . . . . . . . . . (GND -0.3V) < VRXOUT < (V+ +0.3V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
ROUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Temperature Range
HIN2XXCX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
HIN2XXIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
16 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
155
24 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
135
28 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
70
28 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC and SSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Test Conditions: VCC = +5V ±10%, (VCC = +5V ±5%, HIN207); (V+ = 9V to 13.2V, HIN201), C1-C4 = 0.1µF;
TA = Operating Temperature Range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENTS
Power Supply Current, ICC
No Load,
TA = 25
oC
HIN202, HIN203, HIN205
-
8
15
mA
HIN206 - HIN213
-
11
20
mA
HIN201
-
0.4
1
mA
V+ Power Supply Current, ICC
No Load,
TA = 25
oC
HIN201
-
5.0
10
mA
Shutdown Supply Current, ICC(SD)
TA = 25
oC
HIN205, HIN206, HIN211
-
1
10
µA
HIN213
-
15
50
µA
LOGIC AND TRANSMITTER INPUTS, RECEIVER OUTPUTS
Input Logic Low, VlL
TIN, EN, SD, EN, SD
-
-
0.8
V
Input Logic High, VlH
TIN
2.0
-
-
V
EN, SD, EN, SD
2.4
-
-
V
Transmitter Input Pullup Current, IP
TIN = 0V
-
15
200
µA
TTL/CMOS Receiver Output Voltage Low, VOL
IOUT = 1.6mA
(HIN201-HIN203, IOUT = 3.2mA)
-
0.1
0.4
V
TTL/CMOS Receiver Output Voltage High, VOH
IOUT = -1mA
3.5
4.6
-
V
TTL/CMOS Receiver Output Leakage
EN = VCC, EN = 0, 0V < ROUT < VCC
-
0.05
±10
µA
RECEIVER INPUTS
RS-232 Input Voltage Range, VIN
-30
-
+30
V
Receiver Input Impedance, RIN
TA = 25
oC, V
IN = ±3V
3.0
5.0
7.0
k
Receiver Input Low Threshold, VIN (H-L)
VCC = 5V,
TA = 25
oC
Active Mode
0.8
1.2
-
V
Shutdown Mode
HIN213 R4 and R5
0.6
1.5
-
V
HIN201 thru HIN213


Similar Part No. - HIN203CB

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIN203CB HARRIS-HIN203CB Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN203CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com