Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1030 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP1030
Description  1A High Side Driver with Overload Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1030 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP1030 Datasheet HTML 1Page - Intersil Corporation HIP1030 Datasheet HTML 2Page - Intersil Corporation HIP1030 Datasheet HTML 3Page - Intersil Corporation HIP1030 Datasheet HTML 4Page - Intersil Corporation HIP1030 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
December 1997
HIP1030
1A High Side Driver with
Overload Protection
Features
• Over Operating Temperature Range . . -40oC to 125oC
- Max VSAT at 1A . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V
- Current Switching Capability . . . . . . . . . . . . . . . . .1A
- Power Supply Range . . . . . . . . . . . . . . . . 4.5V to 25V
• Over-Voltage Shutdown Protected
• Over-Current Limiting
• Thermal Limiting Protection
• Negative Output Voltage Clamp
• CMOS/TTL Logic Level Control Input
• Load Dump . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60VPEAK
• Reverse Battery Protection to -16V
Applications
• Motor Driver/Controller
• Driver for Solenoids, Relays and Lamps
• MOSFET and IGBT Driver
• Driver for Temperature Controller
Description
The HIP1030 is a High Side Driver Power Integrated Circuit
designed to switch power supply voltage to an output load. It
is the equivalent of a PNP pass transistor operated as a
protected high side current switch in the saturated ON state
with low forward voltage drop at the maximum rated current.
The HIP1030 has low output leakage and low idle current in
the OFF state.
The Functional Block Diagram for the HIP1030 shows the
protection control circuit functions of over-current, overvoltage
and over-temperature. A small metal resistor senses over-
current in the power supply path of the pass transistor and load.
Overvoltage detection and shutdown of the output driver occurs
when a comparator determines that the supply voltage has
exceeded a comparator reference level. Over-temperature is
sensed from a VBE differential sense element that is thermally
close to the output drive transistor. In addition to the input
detected overvoltage protection, negative peak voltage of a
switched inductive load is clamped with an internal zener diode.
An internal bandgap voltage source provides a stable voltage
reference over the operating temperature range, providing bias
and reference control for the protection circuits.
The HIP1030 is particularly well suited for driving lamps,
relays, and solenoids in automotive and industrial control
applications where voltage and current overload protection
at high temperatures is required. The HIP1030 is supplied in
a 5 lead TS-001AA Power SIP package.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP1030AS
-40 to 125
5 Ld TS-001AA SIP Z5.067C
Pinout
HIP1030 (SIP)
TOP VIEW
Functional Block Diagram
5 VIN (CONTROL)
4 GND
3 TAB GND
2 VOUT (LOAD)
1 VCC (SUPPLY)
OVER-
VOLTAGE
THERMAL
LIMIT
VCC
VIN
NEG.
CLAMP
ZENER
RS
VOUT
2
SHUTDOWN
CONTROL
CIRCUIT
4
3
GND
GND
5
1
VBATT
TAB
HIP1030
SUPPLY
CURRENT
LIMIT
CONTROL
File Number
2788.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP1030

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1030AS INTERSIL-HIP1030AS Datasheet
113Kb / 7P
   1A High Side Driver with Overload Protection
HIP1030 INTERSIL-HIP1030_00 Datasheet
113Kb / 7P
   1A High Side Driver with Overload Protection
More results

Similar Description - HIP1030

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1030 INTERSIL-HIP1030_00 Datasheet
113Kb / 7P
   1A High Side Driver with Overload Protection
HIP1031 INTERSIL-HIP1031 Datasheet
29Kb / 4P
   Half Amp High Side Driver with Overload Protection
logo
ON Semiconductor
AMIS-39101 ONSEMI-AMIS-39101 Datasheet
164Kb / 12P
   Octal High Side Driver with Protection
December, 2008 ??Rev. 2
logo
AMI SEMICONDUCTOR
AMIS-39100 AMI-AMIS-39100 Datasheet
491Kb / 16P
   Octal High Side Driver with Protection
logo
ON Semiconductor
AMIS39100PNPB3RG ONSEMI-AMIS39100PNPB3RG Datasheet
173Kb / 12P
   Octal High Side Driver with Protection
January, 2009 ??Rev. 2
AMIS-39100 ONSEMI-AMIS-39100 Datasheet
173Kb / 12P
   Octal High Side Driver with Protection
January, 2009 ??Rev. 2
logo
AMI SEMICONDUCTOR
AMIS-39101 AMI-AMIS-39101 Datasheet
526Kb / 15P
   Octal High-Side Driver with Protection
logo
Bourns Electronic Solut...
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF_12 Datasheet
205Kb / 1P
   Driver Side Protection
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF Datasheet
758Kb / 1P
   Driver Side Protection
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com