Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN232CB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIN232CB
Description  5V Powered RS-232 Transmitters/Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN232CB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIN232CB Datasheet HTML 7Page - Intersil Corporation HIN232CB Datasheet HTML 8Page - Intersil Corporation HIN232CB Datasheet HTML 9Page - Intersil Corporation HIN232CB Datasheet HTML 10Page - Intersil Corporation HIN232CB Datasheet HTML 11Page - Intersil Corporation HIN232CB Datasheet HTML 12Page - Intersil Corporation HIN232CB Datasheet HTML 13Page - Intersil Corporation HIN232CB Datasheet HTML 14Page - Intersil Corporation HIN232CB Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
3-11
Detailed Description
The HIN230 thru HIN241 family of RS-232
transmitters/receivers are powered by a single +5V power
supply (except HIN231 and HIN239), feature low power
consumption, and meet all ElA RS-232C and V.28
specifications. The circuit is divided into three sections: The
charge pump, transmitter, and receiver.
Charge Pump
An equivalent circuit of the charge pump is illustrated in Figure
1. The charge pump contains two sections: the voltage
doubler and the voltage inverter. Each section is driven by a
two phase, internally generated clock to generate +10V and -
10V. The nominal clock frequency is 16kHz. During phase one
of the clock, capacitor C1 is charged to VCC. During phase
two, the voltage on C1 is added to VCC, producing a signal
across C3 equal to twice VCC. During phase one, C2 is also
charged to 2VCC, and then during phase two, it is inverted
with respect to ground to produce a signal across C4 equal to
-2VCC. The charge pump accepts input voltages up to 5.5V.
The output impedance of the voltage doubler section (V+) is
approximately 200
Ω, and the output impedance of the voltage
inverter section (V-) is approximately 450
Ω. A typical
application uses 1
µF capacitors for C1-C4, however, the value
is not critical. Increasing the values of C1 and C2 will lower the
output impedance of the voltage doubler and inverter,
increasing the values of the reservoir capacitors, C3 and C4,
lowers the ripple on the V+ and V- supplies.
During shutdown mode (HIN230, 235, 236, 240 and 241),
SHUTDOWN control line set to logic “1”, the charge pump is
turned off, V+ is pulled down to VCC, V- is pulled up to GND,
and the supply current is reduced to less than 10
µA. The
transmitter outputs are disabled and the receiver outputs are
placed in the high impedance state.
Transmitters
The transmitters are TTL/CMOS compatible inverters which
translate the inputs to RS-232 outputs. The input logic
threshold is about 26% of VCC, or 1.3V for VCC = 5V. A logic 1
at the input results in a voltage of between -5V and V- at the
output, and a logic 0 results in a voltage between +5V and (V+ -
0.6V). Each transmitter input has an internal 400k
Ω pullup
resistor so any unused input can be left unconnected and its
output remains in its low state. The output voltage swing meets
the RS-232C specifications of
±5V minimum with the worst
case conditions of: all transmitters driving 3k
Ω minimum load
impedance, VCC = 4.5V, and maximum allowable operating
temperature. The transmitters have an internally limited output
slew rate which is less than 30V/
µs. The outputs are short
circuit protected and can be shorted to ground indefinitely. The
powered down output impedance is a minimum of 300
Ω with
±2V applied to the outputs and VCC = 0V.
Receivers
The receiver inputs accept up to
±30V while presenting the
required 3k
Ω to 7kΩ input impedance even if the power is off
(VCC = 0V). The receivers have a typical input threshold of
1.3V which is within the
±3V limits, known as the transition
region, of the RS-232 specifications. The receiver output is
0V to VCC. The output will be low whenever the input is
greater than 2.4V and high whenever the input is floating or
driven between +0.8V and -30V. The receivers feature 0.5V
hysteresis to improve noise rejection. The receiver Enable
line EN, when set to logic “1”, (HIN235, 236, 239, 240, and
241) disables the receiver outputs, placing them in the high
impedance mode. The receiver outputs are also placed in
the high impedance state when in shutdown mode.
+
-
C1
+
-
C3
+
-
C2
+
-
C4
S1
S2
S5
S6
S3
S4
S7
S8
VCC
GND
RC
OSCILLATOR
VCC
GND
V+ = 2VCC
GND
V- = -(V+)
C1+
C1-
C2-
C2+
VOLTAGE INVERTER
VOLTAGE DOUBLER
FIGURE 1. CHARGE PUMP
TOUT
V- < VTOUT < V+
300
400k
TXIN
GND < TXIN < VCC
V-
V+
VCC
FIGURE 2. TRANSMITTER
ROUT
GND < VROUT < VCC
5k
RXIN
-30V < RXIN < +30V
GND
VCC
FIGURE 3. RECEIVER
HIN230 thru HIN241


Similar Part No. - HIN232CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232CB INTERSIL-HIN232CB Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232CB INTERSIL-HIN232CB Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN232CB-T INTERSIL-HIN232CB-T Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232CBZ INTERSIL-HIN232CBZ Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232CBZ INTERSIL-HIN232CBZ Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
More results

Similar Description - HIN232CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com