Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG419 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG419
Description  LC MOS Precision Mini-DIP Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG419 Datasheet(HTML) 4 Page - Analog Devices

  ADG419_15 Datasheet HTML 1Page - Analog Devices ADG419_15 Datasheet HTML 2Page - Analog Devices ADG419_15 Datasheet HTML 3Page - Analog Devices ADG419_15 Datasheet HTML 4Page - Analog Devices ADG419_15 Datasheet HTML 5Page - Analog Devices ADG419_15 Datasheet HTML 6Page - Analog Devices ADG419_15 Datasheet HTML 7Page - Analog Devices ADG419_15 Datasheet HTML 8Page - Analog Devices ADG419_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG419
Rev. B | Page 4 of 16
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, VL = 5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 2.
B Version
T Version
Parameter1
+25°C
−40°C to
+85°C
−40°C to
+125°C
+25°C
−55°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
0 to VDD
V
RON
40
40
Ω typ
VD = 3 V, 8.5 V, IS = −10 mA
60
70
70
Ω max
VDD = 10.8 V
LEAKAGE CURRENT
VDD = 13.2 V
Source OFF Leakage, IS (Off )
±0.1
±0.1
nA typ
VD = 12.2 V/1 V, VS = 1 V/12.2 V;
see Figure 12
±0.25
±5
±15
±0.25
±15
nA max
Drain OFF Leakage, ID (Off )
±0.1
±0.1
nA typ
VD = 12.2 V/1 V, VS = 1 V/12.2 V;
see Figure 12
±0.75
±5
±30
±0.75
±30
nA max
Channel ON Leakage, ID, IS (On)
±0.4
±0.4
nA typ
VS = VD = 12.2 V/1 V; see Figure 13
±0.75
±5
±30
±0.75
±30
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
V max
Input Current
IINL or IINH
±0.005
±0.005
±0.005
μA typ
VIN = VINL or VINH
±0.5
±0.5
±0.5
μA max
DYNAMIC CHARACTERISTICS2
tTRANSITION
180
250
250
170
250
ns max
RL = 300 Ω, CL = 35 pF; VS1 = 0 V/8 V,
VS2 = 8 V/0 V; see Figure 14
Break-Before-Make Time Delay, tD
60
60
ns typ
RL = 300 Ω, CL = 35 pF;
VS1 = VS2 = 8 V; see Figure 15
Off Isolation
80
80
dB typ
RL = 50 Ω, f = 1 MHz; see Figure 16
Channel-to-Channel Crosstalk
90
70
dB typ
RL = 50 Ω, f = 1 MHz; see Figure 17
CS (Off )
13
13
pF typ
f = 1 MHz
CD, CS (On)
65
65
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.0001
0.0001
μA typ
VIN = 0 V or 5 V
1
2.5
2.5
1
2.5
μA max
IL
0.0001
0.0001
μA typ
VL = 5.5 V
1
2.5
2.5
1
2.5
μA max
1 Temperature ranges are as follows: B Version: −40°C to +125°C; T Version: −55°C to +125°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG419_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG419BN AD-ADG419BN Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419BN AD-ADG419BN Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BNZ1 AD-ADG419BNZ1 Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BR AD-ADG419BR Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419BR AD-ADG419BR Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
More results

Similar Description - ADG419_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG419 AD-ADG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_09 Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG417 AD-ADG417 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
AD7233 AD-AD7233_15 Datasheet
103Kb / 8P
   LC MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
ADG411 AD-ADG411_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
ADG413 AD-ADG413_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
ADG432 AD-ADG432_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG433 AD-ADG433_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG412 AD-ADG412_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com