Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG433 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG433
Description  LC MOS Precision Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG433 Datasheet(HTML) 3 Page - Analog Devices

  ADG433_15 Datasheet HTML 1Page - Analog Devices ADG433_15 Datasheet HTML 2Page - Analog Devices ADG433_15 Datasheet HTML 3Page - Analog Devices ADG433_15 Datasheet HTML 4Page - Analog Devices ADG433_15 Datasheet HTML 5Page - Analog Devices ADG433_15 Datasheet HTML 6Page - Analog Devices ADG433_15 Datasheet HTML 7Page - Analog Devices ADG433_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Truth Table (ADG431/ADG432)
ADG431 In
ADG432 In
Switch Condition
01ON
1
0
OFF
Truth Table (ADG433)
Logic
Switch 1, 4
Switch 2, 3
0
OFF
ON
1
ON
OFF
Single Supply
B Version
–40 C to
Parameter
+25 C
+85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
RON
28
Ω typ
0 < VD < 8.5 V, IS = –10 mA;
42
45
Ω max
VDD = 10.8 V
RON vs. VD (VS)
20
% typ
RON Drift
0.5
%/
°C typ
RON Match
5
% typ
VD = 0 V, IS = –10 mA
LEAKAGE CURRENTS
VDD = 13.2 V
Source OFF Leakage IS (OFF)
±0.04
nA typ
VD = 12.2/1 V, VS = 1/12.2 V;
±0.25
±2
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.04
nA typ
VD = 12.2/1 V, VS = 1/12.2 V;
±0.25
±2
nA max
Test Circuit 2
Channel ON Leakage ID, Is (ON)
±0.01
nA typ
VD = VS = 12.2 V/1 V;
±0.3
±3
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.01
µA max
CIN Digital Input Capacitance
9
pF typ
DYNAMIC CHARACTERISTICS
1
VDD = 12 V, VSS = 0 V
tON
165
ns typ
RL = 300
Ω, C
L = 35 pF;
240
ns max
VS = 8 V; Test Circuit 4
tOFF
60
ns typ
RL = 300
Ω, CL = 35 pF;
115
ns max
VS = 8 V; Test Circuit 4
Break-Before-Make Time Delay, tD
25
ns typ
RL = 300
Ω, CL = 35 pF;
(ADG433 Only)
VS1 = VS2 = 10 V; Test Circuit 5
Charge Injection
25
pC typ
VS = 0 V, RS = 0
Ω, C
L = 10 nF;
Test Circuit 6
OFF Isolation
68
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 7
Channel-to-Channel Crosstalk
85
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 8
CS (OFF)
9
pF typ
f = 1 MHz
CD (OFF)
9
pF typ
f = 1 MHz
CD, CS (ON)
35
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
Digital Inputs = 0 V or 5 V
IDD
0.0001
µA typ
0.03
0.1
µA max
IL
0.0001
µA typ
0.03
0.1
µA max
VL = 5.25 V
Power Dissipation
1.9
µW max
NOTES
1Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = 12 V
10%, VSS = O V, VL = 5 V
10%, GND = O V, unless otherwise noted)
ADG431/ADG432/ADG433
REV. C
–3–


Similar Part No. - ADG433_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG433ABR AD-ADG433ABR Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG433ABR AD-ADG433ABR Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG433BN AD-ADG433BN Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG433BN AD-ADG433BN Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
More results

Similar Description - ADG433_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
ADG412 AD-ADG412_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
ADG431 AD-ADG431_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG413 AD-ADG413_15 Datasheet
223Kb / 16P
   LC MOS Precision Quad SPST Switches
REV. D
ADG432 AD-ADG432_15 Datasheet
137Kb / 8P
   LC MOS Precision Quad SPST Switches
REV. C
ADG444 AD-ADG444_15 Datasheet
314Kb / 16P
   LC MOS Quad SPST Switches
REV. B
ADG441 AD-ADG441_15 Datasheet
314Kb / 16P
   LC MOS Quad SPST Switches
REV. B
ADG222 AD-ADG222_15 Datasheet
235Kb / 6P
   LC MOS QUAD SPST SWITCHES
REV. B
ADG442 AD-ADG442_15 Datasheet
314Kb / 16P
   LC MOS Quad SPST Switches
REV. B
ADG452 AD-ADG452_15 Datasheet
411Kb / 16P
   LC MOS 5RON SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com