Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB070P15J3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB070P15J3
Description  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB070P15J3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB070P15J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB070P15J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB070P15J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB070P15J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB070P15J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB070P15J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB070P15J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB070P15J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB070P15J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C985J3
Issued Date : 2015.01.21
Revised Date :
Page No. : 3/9
MTB070P15J3
CYStek Product Specification
*Qg
-
115
-
*Qgs
-
9.6
-
*Qgd
-
27
-
nC
ID=-18A, VDS=-120V, VGS=-10V
*td(ON)
-
19.4
-
*tr
-
23.4
-
*td(OFF)
-
130.8
-
*tf
-
35.2
-
ns
VDS=-75V, VGS=-10V, RG=3.3Ω,
ID=-5.2A
Ciss
-
5140
-
Coss
-
245
-
Crss
-
86.7
-
pF
VGS=0V, VDS=-25V, f=1MHz
Rg
-
2.0
-
Ω
f=1MHz
Source-Drain Diode
*IS
-
-
-21
A
*VSD
-
-0.73
-1.2
V
IS=-4.2A, VGS=0V
*trr
-
40
-
ns
*Qrr
-
86
-
nC
IS=-5.2A, VGS=0, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended soldering footprint


Similar Part No. - MTB070P15J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB070N11J3 CYSTEKEC-MTB070N11J3 Datasheet
325Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB070P15J3

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com