Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB080N15J3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB080N15J3
Description  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080N15J3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB080N15J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB080N15J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB080N15J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB080N15J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB080N15J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB080N15J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB080N15J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB080N15J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB080N15J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C987J3
Issued Date : 2015.02.03
Revised Date :
Page No. : 3/9
MTB080N15J3
CYStek Product Specification
-
-
1
VDS =120V, VGS =0V
IDSS
-
-
25
μA
VDS =120V, VGS =0, Tj=125
°C
-
82.3
105
VGS =10V, ID=10A
RDS(ON) *1
-
85.8
120
VGS =4.5V, ID=10A
Dynamic
Qg *1, 2
-
22
-
Qgs *1, 2
-
2.0
-
Qgd *1, 2
-
7.7
-
nC
ID=14A, VDS=120V, VGS=10V
td(ON) *1, 2
-
9
-
tr
*1, 2
-
20.6
-
td(OFF) *1, 2
-
43.4
-
tf *1, 2
-
93.6
-
ns
VDS=75V, ID=14A, VGS=10V, RG=10Ω
Ciss
-
834
-
Coss
-
87
-
Crss
-
42
-
pF
VGS=0V, VDS=25V, f=1MHz
Rg
-
3.7
-
Ω
f=1MHz
Source-Drain Diode
IS *1
-
-
18
ISM *3
-
-
72
A
VSD *1
-
0.82
1.2
V
IS=10A, VGS=0V
trr
-
39
-
ns
Qrr
-
80
-
nC
IF=14A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
Recommended soldering footprint


Similar Part No. - MTB080N15J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB080C10Q8 CYSTEKEC-MTB080C10Q8 Datasheet
475Kb / 12P
   N- and P-channel enhancement mode power MOSFET
MTB080C10Q8-0-T3-G CYSTEKEC-MTB080C10Q8-0-T3-G Datasheet
475Kb / 12P
   N- and P-channel enhancement mode power MOSFET
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06J3-0-T3-G CYSTEKEC-MTB080P06J3-0-T3-G Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3 CYSTEKEC-MTB080P06L3 Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB080N15J3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com