Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTBA6C15Q8 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTBA6C15Q8
Description  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C15Q8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTBA6C15Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C15Q8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C938Q8
Issued Date : 2014.12.01
Revised Date :
Page No. : 1/12
MTBA6C15Q8
CYStek Product Specification
N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8
N-CH
P-CH
BVDSS
150V
-150V
ID @ TA=25°C, VGS=10V(-10V)
1.8A
-1.5A
ID @ TA=70°C, VGS=10V(-10V)
1.5A
-1.3A
ID @ TC=25°C, VGS=10V(-10V)
3.2A
-2.6A
ID @ TC=100°C, VGS=10V(-10V)
2.3A
-1.8A
RDSON(typ.) @VGS=(-)10V
169 mΩ 259 mΩ
RDSON(typ.) @VGS=(-)4.5V
Features
176 mΩ 277 mΩ
• Simple drive requirement
• Low on-resistance
• Fast switching speed
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTBA6C15Q8-0-T3-G
SOP-8
(Pb-free lead plating & halogen-free package)
2500 pcs / Tape & Reel
MTBA6C15Q8
SOP-8
G:Gate S:Source D:Drain
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTBA6C15Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA6C15H8 CYSTEKEC-MTBA6C15H8 Datasheet
693Kb / 14P
   N- And P-Channel Enhancement Mode MOSFET
MTBA6C15J4 CYSTEKEC-MTBA6C15J4 Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
MTBA6C15J4-0-T3-G CYSTEKEC-MTBA6C15J4-0-T3-G Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTBA6C15Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com