Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC1421G6 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # MTC1421G6
Description  N- AND P-Channel Enhancement Mode MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC1421G6 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button MTC1421G6 Datasheet HTML 2Page - Cystech Electonics Corp. MTC1421G6 Datasheet HTML 3Page - Cystech Electonics Corp. MTC1421G6 Datasheet HTML 4Page - Cystech Electonics Corp. MTC1421G6 Datasheet HTML 5Page - Cystech Electonics Corp. MTC1421G6 Datasheet HTML 6Page - Cystech Electonics Corp. MTC1421G6 Datasheet HTML 7Page - Cystech Electonics Corp. MTC1421G6 Datasheet HTML 8Page - Cystech Electonics Corp. MTC1421G6 Datasheet HTML 9Page - Cystech Electonics Corp. MTC1421G6 Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C832G6
Issued Date : 2012.09.11
Revised Date : 2014.10.24
Page No. : 6/13
MTC1421G6
CYStek Product Specification
Typical Characteristics(Cont.), Q1(N-Channel)
Typical Transfer Characteristics
0
1
2
3
4
5
6
7
8
012345
VGS, Gate-Source Voltage(V)
VDS=5V
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
ID, Drain Current(A)
VDS=5V
Pulsed
Ta=25°C
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*ZθJA(t)
4.RθJA=130°C/W


Similar Part No. - MTC1421G6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC1421N6 CYSTEKEC-MTC1421N6 Datasheet
509Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results

Similar Description - MTC1421G6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com