Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2731-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK2731-HF
Description  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2731-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2731-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK2731-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK2731-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Features
VDS (V) = 30V
ID = 0.2 A
RDS(ON) < 2.8Ω (VGS = 10V)
RDS(ON) < 4.5Ω (VGS = 4V)
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
1. Gate
2. Source
3. Drain
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±
20
Continuous Drain Current
ID
0.2
Pulsed Drain Current
(Note.1)
IDM
0.8
Reverse Continuous Drain Current
IDR
0.2
Reverse Pulsded Drain Current
(Note.1)
IDMR
0.8
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
Note.1: PW ≤ 10us, Duty Cycle ≤ 1%
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
30
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
10
uA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
10
uA
Gate Cutt-off Voltage
VGS(off)
VDS=10V , ID=1mA
1
2.5
V
VGS=10V, ID=0.1A
2.8
VGS=4V, ID=0.1A
4.5
Forward Transconductance
gFS
VDS=10V, ID=0.1A
100
mS
Input Capacitance
Ciss
25
Output Capacitance
Coss
15
Reverse Transfer Capacitance
Crss
10
Turn-On DelayTime
td(on)
15
Turn-On Rise Time
tr
20
Turn-Off DelayTime
td(off)
90
Turn-Off Fall Time
tf
100
Static Drain-Source On-Resistance
VGS=0V, VDS=10V, f=1MHz
pF
ns
Ω
VGS=10V, VDS=15V,
ID=0.1A,RL=150Ω,RG=10Ω
RDS(On)
Marking
Marking
KL F
N-Channel MOSFET
2SK2731-HF
Pb−Free Package May be Available.
The G−Suffix Denotes a Pb−Free Lead Finish


Similar Part No. - 2SK2731-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2731-HF-3 KEXIN-2SK2731-HF-3 Datasheet
1Mb / 3P
   N-Channel MOSFET
More results

Similar Description - 2SK2731-HF

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com