Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN207IA Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIN207IA
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN207IA Datasheet(HTML) 2 Page - Intersil Corporation

  HIN207IA Datasheet HTML 1Page - Intersil Corporation HIN207IA Datasheet HTML 2Page - Intersil Corporation HIN207IA Datasheet HTML 3Page - Intersil Corporation HIN207IA Datasheet HTML 4Page - Intersil Corporation HIN207IA Datasheet HTML 5Page - Intersil Corporation HIN207IA Datasheet HTML 6Page - Intersil Corporation HIN207IA Datasheet HTML 7Page - Intersil Corporation HIN207IA Datasheet HTML 8Page - Intersil Corporation HIN207IA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3-2
Ordering Information
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HIN201CB
0 to 70
16 Ld SOIC (W)
M16.3
HIN201IB
-40 to 85
16 Ld SOIC (W)
M16.3
HIN202CP
0 to 70
16 Ld PDIP
E16.3
HIN202CB
0 to 70
16 Ld SOIC (W)
M16.3
HIN202IP
-40 to 85
16 Ld PDIP
E16.3
HIN202CA
0 to 70
16 Ld SSOP
M16.209
HIN202IA
-40 to 85
16 Ld SSOP
M16.209
HIN202IB
-40 to 85
16 Ld SOIC (W)
M16.3
HIN202CBN
0 to 70
16 Ld SOIC (N)
M16.15
HIN202IBN
-40 to 85
16 Ld SOIC (N)
M16.15
HIN203CP
0 to 70
20 Ld PDIP
E20.3
HIN203CB
0 to 70
20 Ld SOIC (W)
M20.3
HIN205CP
0 to 70
24 Ld PDIP (W)
E24.6
HIN206CP
0 to 70
24 Ld PDIP (N)
E24.3
HIN206CB
0 to 70
24 Ld SOIC
M24.3
HIN206CA
0 to 70
24 Ld SSOP
M24.209
HIN206IP
-40 to 85
24 Ld PDIP (N)
E24.3
HIN206IB
-40 to 85
24 Ld SOIC
M24.3
HIN206IA
-40 to 85
24 Ld SSOP
M24.209
HIN207CP
0 to 70
24 Ld PDIP (N)
E24.3
HIN207CB
0 to 70
24 Ld SOIC
M24.3
HIN207CA
0 to 70
24 Ld SSOP
M24.209
HIN207IP
-40 to 85
24 Ld PDIP (N)
E24.3
HIN207IB
-40 to 85
24 Ld SOIC
M24.3
HIN207IA
-40 to 85
24 Ld SSOP
M24.209
HIN208CP
0 to 70
24 Ld PDIP (N)
E24.3
HIN208CB
0 to 70
24 Ld SOIC
M24.3
HIN208CA
0 to 70
24 Ld SSOP
M24.209
HIN208IP
-40 to 85
24 Ld PDIP (N)
E24.3
HIN208IB
-40 to 85
24 Ld SOIC
M24.3
HIN208IA
-40 to 85
24 Ld SSOP
M24.209
HIN211CB
0 to 70
28 Ld SOIC
M28.3
HIN211CA
0 to 70
28 Ld SSOP
M28.209
HIN211IB
-40 to 85
28 Ld SOIC
M28.3
HIN211IA
-40 to 85
28 Ld SSOP
M28.209
HIN213CB
0 to 70
28 Ld SOIC
M28.3
HIN213CA
0 to 70
28 Ld SSOP
M28.209
HIN213IB
-40 to 85
28 Ld SOIC
M28.3
HIN213IA
-40 to 85
28 Ld SSOP
M28.209
NOTE: Most surface mount devices are available on tape and reel;
add “-T” to suffix.
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
Pin Descriptions
PIN
FUNCTION
VCC
Power Supply Input 5V
±10%, 5V ±5% (HIN207, HIN203, and HIN205).
V+
Internally generated positive supply (+10V nominal), HIN201 requires +9V to +13.2V.
V-
Internally generated negative supply (-10V nominal).
GND
Ground Lead. Connect to 0V.
C1+
External capacitor (+ terminal) is connected to this lead.
C1-
External capacitor (- terminal) is connected to this lead.
C2+
External capacitor (+ terminal) is connected to this lead.
C2-
External capacitor (- terminal) is connected to this lead.
TIN
Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k
Ω pull-up resistor to VCC is connected to each lead.
TOUT
Transmitter Outputs. These are RS-232 levels (nominally
±10V).
RIN
Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k
Ω pull-down resistor to GND is connected to each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN, EN
Enable Input. This is an active low input which enables the receiver outputs. With EN = 5V, (HIN213 EN = 0V), the outputs are placed
in a high impedance state.
SD, SD
Shutdown Input. With SD = 5V (HIN213 SD = 0V), the charge pump is disabled, the receiver outputs are in a high impedance state
(except R4 and R5 of HIN213) and the transmitters are shut off.
NC
No Connect. No connections are made to these leads.
HIN201 thru HIN213


Similar Part No. - HIN207IA

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIN207IA HARRIS-HIN207IA Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN207IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com