Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE8D0N08H8-0-T6-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTE8D0N08H8-0-T6-G
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTE8D0N08H8-0-T6-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTE8D0N08H8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTE8D0N08H8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTE8D0N08H8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTE8D0N08H8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTE8D0N08H8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTE8D0N08H8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTE8D0N08H8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTE8D0N08H8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTE8D0N08H8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C991H8
Issued Date : 2014.12.09
Revised Date :
Page No. : 2/9
MTE8D0N08H8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
80
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current @ TC=25
°C, VGS=10V
50
Continuous Drain Current @ TC=100
°C, VGS=10V
ID
32
Continuous Drain Current @ TA=25
°C, VGS=10V
15
Continuous Drain Current @ TA=70
°C, VGS=10V
IDSM
12
Pulsed Drain Current
IDM
200 *1, 2
A
TC=25
°C
54
TC=100
°C
PD
22
TA=25
°C
5
Total Power Dissipation
TA=70
°C
PDSM
3.2
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
2.3
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
25 *3
°C/W
Note : 1. Pulse width limited by maximum junction temperature
2. Duty cycle≤1%
3. Surface mounted on 1 in² copper pad of FR-4 board, t≤10s; 60
°C/W at steady state.
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
80
-
-
V
VGS=0V, ID=250μA
VGS(th)
2
-
4
V
VDS = VGS, ID=250μA
GFS *1
-
29
-
S
VDS =5V, ID=20A
IGSS
-
-
±
100
nA
VGS=±30V
-
-
1
VDS =80V, VGS =0V
IDSS
-
-
25
μA
VDS =64V, VGS =0V, Tj=125
°C
-
7.1
9.5
VGS =10V, ID=30A
RDS(ON) *1
-
7.9
14
VGS =7V, ID=20A
Dynamic
Ciss
-
2162
-
Coss
-
286
-
Crss
-
162
-
pF
VGS=0V, VDS=25V, f=1MHz


Similar Part No. - MTE8D0N08H8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8050 MARKTECH-MTE8050 Datasheet
179Kb / 2P
   Infrared Emitter
MTE8080D MARKTECH-MTE8080D Datasheet
59Kb / 2P
   Metal Can IR Emitter
MTE8080F MARKTECH-MTE8080F Datasheet
78Kb / 2P
   5mm Water Clear Truncated IR Emitter
MTE8080L MARKTECH-MTE8080L Datasheet
58Kb / 2P
   5mm Metal Can IR Emitter
MTE8080N MARKTECH-MTE8080N Datasheet
58Kb / 2P
   5mm Metal Can IR Emitter
More results

Similar Description - MTE8D0N08H8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com