Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4086 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP4086
Description  80V, 0.5A Three Phase Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086 Datasheet(HTML) 8 Page - Intersil Corporation

  HIP4086 Datasheet HTML 1Page - Intersil Corporation HIP4086 Datasheet HTML 2Page - Intersil Corporation HIP4086 Datasheet HTML 3Page - Intersil Corporation HIP4086 Datasheet HTML 4Page - Intersil Corporation HIP4086 Datasheet HTML 5Page - Intersil Corporation HIP4086 Datasheet HTML 6Page - Intersil Corporation HIP4086 Datasheet HTML 7Page - Intersil Corporation HIP4086 Datasheet HTML 8Page - Intersil Corporation HIP4086 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
HIP4086
FIGURE 9. AVERAGE TURN-ON CURRENT (0 TO 5V)
FIGURE 10. AVERAGE TURN-OFF CURRENT (VDD TO 4V)
FIGURE 11. RISE AND FALL TIMES (10-90%)
FIGURE 12. PROPAGATION DELAY
FIGURE 13. DISABLE PIN PROPAGATION DELAY
FIGURE 14. REFRESH TIME
Typical Performance Curves (Continued)
-60
-40
-20
0
20
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1
JUNCTION TEMPERATURE (oC)
CGATE = 1000pF
VDD = 15V
VDD = 8V
VDD = 10V
VDD = 12V
VDD = 7V
-60
-40
-20
0
20
40
60
80
100
120
140
160
0
0.4
0.8
1.2
1.6
2
JUNCTION TEMPERATURE (oC)
CGATE = 1000pF
VDD = 15V
VDD = 8V
VDD = 10V
VDD = 12V
VDD = 7V
-60
-40
-20
0
20
40
60
80
100
120
140
160
0
10
20
30
40
JUNCTION TEMPERATURE (oC)
RISE
FALL
VDD = XHB-XHS = 12V, CGATE = 1000pF
-60
-40
-20
0
20
40
60
80
100
120
140
160
20
40
60
80
100
JUNCTION TEMPERATURE (oC)
xHI to xHO
xLI to xLO
JUNCTION TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
100
120
140
160
10
100
LOWER ENABLE TURN-ON
LOWER DISABLE TURN-OFF
UPPER DISABLE TURN-OFF
CRFSH (pF)
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
TJ = 25
oC
HIP4086


Similar Part No. - HIP4086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
227Kb / 9P
   80V, 0.5A Three Phase Driver
HIP4086 INTERSIL-HIP4086 Datasheet
486Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
   80V, 500mA, 3-Phase MOSFET Driver
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086 INTERSIL-HIP4086 Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
More results

Similar Description - HIP4086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
   80V, 0.5A Three Phase Driver
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
   80V, 300mA Three Phase High Side Driver
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
   80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
   80V, 300mA Three Phase High Side Driver
logo
Renesas Technology Corp
HIP4083 RENESAS-HIP4083 Datasheet
553Kb / 10P
   80V, 300mA Three Phase High Side Driver
October 2, 2015
logo
Monolithic Power System...
EV46885DN-00A MPS-EV46885DN-00A Datasheet
147Kb / 3P
   80V INPUT 0.5A HIGH POWER LED DRIVER
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
   Power Transistor (80V, 0.5A)
2SD1782KT146R ROHM-2SD1782KT146R Datasheet
67Kb / 4P
   Power Transistor (80V, 0.5A)
2SD1782K ROHM-2SD1782K Datasheet
67Kb / 4P
   Power Transistor (80V, 0.5A)
logo
Intersil Corporation
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
   80V, 0.50A Four Phase Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com