Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3414-HF Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO3414-HF
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO3414-HF Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  AO3414-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO3414-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO3414-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO3414-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
0
4
8
12
16
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=1.5V
2V
2.5V
8V
3V
4.5V
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
VGS(Volts)
Figure 2: Transfer Characteristics
25°C
125°C
VDS=5V
20
40
60
80
100
0
4
8
12
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
VGS=1.8V
VGS=2.5V
VGS=4.5V
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=1.8V
VGS=4.5V
VGS=2.5
20
30
40
50
60
70
80
90
100
0
2
4
6
8
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
ID=4.2A
25°C
125°C
ID=4.2A
N-Channel MOSFET
AO3414-HF (KO3414-HF)


Similar Part No. - AO3414-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO3414-HF-3 KEXIN-AO3414-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO3414-HF

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com