Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN1N60L3-0-T3-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTN1N60L3-0-T3-G
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN1N60L3-0-T3-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTN1N60L3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTN1N60L3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTN1N60L3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTN1N60L3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTN1N60L3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTN1N60L3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTN1N60L3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTN1N60L3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTN1N60L3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C721L3
Issued Date : 2014.11.27
Revised Date :
Page No. : 1/9
MTN1N60L3
CYStek Product Specification
N-Channel Enhancement Mode Power MOSFET
MTN1N60L3
BVDSS
600V
ID@VGS=10V, TA=25°C
0.4A
0.9A
ID@VGS=10V, TC=25°C
RDSON@VGS=10V, ID=0.2A
7.8Ω(typ)
Description
The MTN1N60L3 is a N-channel enhancement-mode MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness.
The SOT-223 package is universally preferred for all commercial-industrial surface mount applications.
Features
• Single Drive Requirement
• Fast Switching Characteristic
• Pb-free lead plating and halogen-free package
Symbol
Outline
MTN1N60L3
SOT-223
Ordering Information
Device
Package
Shipping
MTN1N60L3-0-T3-G
SOT-223
(Pb-free lead plating and halogen-free package)
2500 pcs / tape & reel
G
D
S
D
G:Gate D:Drain S:Source
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTN1N60L3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN1N60A3 CYSTEKEC-MTN1N60A3 Datasheet
316Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN1N60BA3 CYSTEKEC-MTN1N60BA3 Datasheet
502Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN1N60BA3-0-BK-G CYSTEKEC-MTN1N60BA3-0-BK-G Datasheet
502Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN1N60BA3-0-TB-G CYSTEKEC-MTN1N60BA3-0-TB-G Datasheet
502Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN1N60BL3 CYSTEKEC-MTN1N60BL3 Datasheet
458Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTN1N60L3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com