Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN213ACB-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIN213ACB-T
Description  High Speed 5V Powered RS-232 Transmitters/Receivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN213ACB-T Datasheet(HTML) 1 Page - Intersil Corporation

  HIN213ACB-T Datasheet HTML 1Page - Intersil Corporation HIN213ACB-T Datasheet HTML 2Page - Intersil Corporation HIN213ACB-T Datasheet HTML 3Page - Intersil Corporation HIN213ACB-T Datasheet HTML 4Page - Intersil Corporation HIN213ACB-T Datasheet HTML 5Page - Intersil Corporation HIN213ACB-T Datasheet HTML 6Page - Intersil Corporation HIN213ACB-T Datasheet HTML 7Page - Intersil Corporation HIN213ACB-T Datasheet HTML 8Page - Intersil Corporation HIN213ACB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
3-1
TM
File Number
4316.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
HIN202A thru HIN241A
High Speed +5V Powered RS-232
Transmitters/Receivers
The HIN202A-HIN241A family of high-speed RS-232
transmitters/receivers interface circuits meet all ElA high-
speed RS-232E and V.28 specifications, and are particularly
suited for those applications where
±12V is not available.
They require a single +5V power supply and feature onboard
charge pump voltage converters which generate +10V and
-10V supplies from the 5V supply. The HIN205A and
HIN235A require no external capacitors and are ideally
suited for applications where circuit board space is critical.
The family of devices offers a wide variety of high-speed RS-
232 transmitter/receiver combinations to accommodate
various applications (see Selection Table).
The HIN205A, HIN206A, HIN211A, HIN213A, HIN235A,
HIN236A, and HIN241A feature a low power shutdown mode
to conserve energy in battery powered applications. In
addition, the HIN213A provides two active receivers in
shutdown mode allowing for easy “wakeup” capability.
The drivers feature true TTL/CMOS input compatibility, slew
rate-limited output, and 300
Ω power-off source impedance.
The receivers can handle up to
±30V input, and have a 3kΩ
to 7k
Ω input impedance. The receivers also feature
hysteresis to greatly improve noise rejection.
Applications
• Any System Requiring High-Speed RS-232
Communication Ports
- Computer - Portable, Mainframe, Laptop
- Peripheral - Printers and Terminals
- Instrumentation, UPS
- Modems
Features
• Meets All RS-232E and V.28 Specifications
• Requires Only 0.1
µF or Greater External Capacitors
(HIN205A, HIN235A and Require No External Capacitors)
• High Data Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 230kbit/s
• Two Receivers Active in Shutdown Mode (HIN213A)
• Requires Only Single +5V Power Supply
• Onboard Voltage Doubler/Inverter
• Low Power Consumption (Typ) . . . . . . . . . . . . . . . . . 5mA
• Low Power Shutdown Function (Typ) . . . . . . . . . . . . 1
µA
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
-
±10V Output Swing for +5V lnput
- 300
Ω Power-Off Source Impedance
- Output Current Limiting
- TTL/CMOS Compatible
• Multiple Receivers
-
±30V Input Voltage Range
-3k
Ω to 7kΩ Input Impedance
- 0.5V Hysteresis to Improve Noise Rejection
Selection Table
PART
NUMBER
POWER SUPPLY
VOLTAGE
NUMBER OF
RS-232
DRIVERS
NUMBER OF
RS-232
RECEIVERS
NUMBER OF 0.1
µF
EXTERNAL
CAPACITORS
LOW POWER
SHUTDOWN/TTL THREE-
STATE
NUMBER OF
RECEIVERS ACTIVE
IN SHUTDOWN
HIN202A
+5V
2
2
4 Capacitors
No/No
0
HIN205A
+5V
5
5
None
Yes/Yes
0
HIN206A
+5V
4
3
4 Capacitors
Yes/Yes
0
HIN207A
+5V
5
3
4 Capacitors
No/No
0
HIN208A
+5V
4
4
4 Capacitors
No/N
0
HIN211A
+5V
4
5
4 Capacitors
Yes/Yes
0
HIN213A
+5V
4
5
4 Capacitors
Yes/Yes
2
HIN232A
+5V
2
2
4 Capacitors
No/No
0
HIN235A
+5V
5
5
None
Yes/Yes
0
HIN236A
+5V
4
3
4 Capacitors
Yes/Yes
0
HIN237A
+5V
5
3
4 Capacitors
No/No
0
HIN238A
+5V
4
4
4 Capacitors
No/No
0
HIN241A
+5V
4
5
4 Capacitors
Yes/Yes
0
Data Sheet
May 2000


Similar Part No. - HIN213ACB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN213 INTERSIL-HIN213 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN213 INTERSIL-HIN213 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN213 HARRIS-HIN213 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN213 INTERSIL-HIN213 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN213 INTERSIL-HIN213 Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN213ACB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com