Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6004BCB Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP6004BCB
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004BCB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP6004BCB Datasheet HTML 4Page - Intersil Corporation HIP6004BCB Datasheet HTML 5Page - Intersil Corporation HIP6004BCB Datasheet HTML 6Page - Intersil Corporation HIP6004BCB Datasheet HTML 7Page - Intersil Corporation HIP6004BCB Datasheet HTML 8Page - Intersil Corporation HIP6004BCB Datasheet HTML 9Page - Intersil Corporation HIP6004BCB Datasheet HTML 10Page - Intersil Corporation HIP6004BCB Datasheet HTML 11Page - Intersil Corporation HIP6004BCB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
One of the parameters limiting the converter’s response to
a load transient is the time required to change the inductor
current. Given a sufficiently fast control loop design, the
HIP6004B will provide either 0% or 100% duty cycle in
response to a load transient. The response time is the time
required to slew the inductor current from an initial current
value to the transient current level. During this interval the
difference between the inductor current and the transient
current level must be supplied by the output capacitor.
Minimizing the response time can minimize the output
capacitance required.
The response time to a transient is different for the
application of load and the removal of load. The following
equations give the approximate response time interval for
application and removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. With a +5V input
source, the worst case response time can be either at the
application or removal of load and dependent upon the
DACOUT setting. Be sure to check both of these equations
at the minimum and maximum output levels for the worst
case response time. With a +12V input, and output voltage
level equal to DACOUT, tFALL is the longest response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic
capacitors for high frequency decoupling and bulk capacitors
to supply the current needed each time Q1 turns on. Place the
small ceramic capacitors physically close to the MOSFETs
and between the drain of Q1 and the source of Q2.
The important parameters for the bulk input capacitor are
the voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and
current ratings above the maximum input voltage and
largest RMS current required by the circuit. The capacitor
voltage rating should be at least 1.25 times greater than the
maximum input voltage and a voltage rating of 1.5 times is
a conservative guideline. The RMS current rating
requirement for the input capacitor of a buck regulator is
approximately 1/2 the DC load current.
For a through hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX
or equivalent) may be needed. For surface mount designs,
solid tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current rating.
These capacitors must be capable of handling the surge-
current at power-up. The TPS series available from AVX, and
the 593D series from Sprague are both surge current tested.
MOSFET Selection/Considerations
The HIP6004B requires 2 N-Channel power MOSFETs. These
should be selected based upon rDS(ON), gate supply
requirements, and thermal management requirements.
In high-current applications, the MOSFET power dissipation,
package selection and heatsink are the dominant design
factors. The power dissipation includes two loss components;
conduction loss and switching loss. The conduction losses are
the largest component of power dissipation for both the upper
and the lower MOSFETs. These losses are distributed between
the two MOSFETs according to duty factor (see the equations
below). Only the upper MOSFET has switching losses, since
the Schottky rectifier clamps the switching node before the
synchronous rectifier turns on. These equations assume linear
voltage-current transitions and do not adequately model power
loss due the reverse-recovery of the lower MOSFET’s body
diode. The gate-charge losses are dissipated by the HIP6004B
and don't heat the MOSFETs. However, large gate-charge
increases the switching interval, tSW which increases the upper
MOSFET switching losses. Ensure that both MOSFETs are
within their maximum junction temperature at high ambient
temperature by calculating the temperature rise according to
package thermal-resistance specifications. A separate heatsink
may be necessary depending upon MOSFET power, package
type, ambient temperature and air flow.
Standard-gate MOSFETs are normally recommended for
use with the HIP6004B. However, logic-level gate
MOSFETs can be used under special circumstances. The
input voltage, upper gate drive level, and the MOSFET’s
absolute gate-to-source voltage rating determine whether
logic-level MOSFETs are appropriate.
Figure 9 shows the upper gate drive (BOOT pin) supplied by a
bootstrap circuit from VCC. The boot capacitor, CBOOT
develops a floating supply voltage referenced to the PHASE
pin. This supply is refreshed each cycle to a voltage of VCC
less the boot diode drop (VD) when the lower MOSFET, Q2
turns on. Logic-level MOSFETs can only be used if the
MOSFET’s absolute gate-to-source voltage rating exceeds
the maximum voltage applied to VCC.
tRISE =
L x ITRAN
VIN - VOUT
tFALL =
L x ITRAN
VOUT
PUPPER = Io
2 x r
DS(ON) x D +
1
2
Io x VIN x tSW x FS
PLOWER = Io
2 x r
DS(ON) x (1 - D)
Where: D is the duty cycle = VOUT / VIN,
tSW is the switch ON time, and
FS is the switching frequency.
HIP6004B


Similar Part No. - HIP6004BCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004BCB INTERSIL-HIP6004BCB Datasheet
611Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004BCB INTERSIL-HIP6004BCB Datasheet
630Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004BCB RENESAS-HIP6004BCB Datasheet
891Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004BCBZ RENESAS-HIP6004BCBZ Datasheet
891Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
More results

Similar Description - HIP6004BCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004E INTERSIL-HIP6004E Datasheet
499Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004D INTERSIL-HIP6004D Datasheet
202Kb / 11P
   Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
HIP6004A INTERSIL-HIP6004A_02 Datasheet
445Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com