Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2726T-E3 Datasheet(PDF) 10 Page - NEC

Part # UPC2726T-E3
Description  1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2726T-E3 Datasheet(HTML) 10 Page - NEC

Back Button UPC2726T-E3 Datasheet HTML 4Page - NEC UPC2726T-E3 Datasheet HTML 5Page - NEC UPC2726T-E3 Datasheet HTML 6Page - NEC UPC2726T-E3 Datasheet HTML 7Page - NEC UPC2726T-E3 Datasheet HTML 8Page - NEC UPC2726T-E3 Datasheet HTML 9Page - NEC UPC2726T-E3 Datasheet HTML 10Page - NEC UPC2726T-E3 Datasheet HTML 11Page - NEC UPC2726T-E3 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
PPPPPC2726T
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as wide as possible to prevent an increase in ground impedance (which can cause
undesired oscillation).
(3) Keep the wiring length of the ground pins as short as possible.
(4) Connect a bypass capacitor (having, for example, a capacitance of 1 000 pF) to the VCC pin.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions.
Other soldering methods and
conditions than the recommended conditions are to be consulted with our sales representatives.
PPC2726T
Soldering process
Soldering conditions
Recommended condition
symbols
Infrared ray reflow
Package peak temperature: 235 °C,
Hour: within 30 s. (more than 210 °C),
Time: 3 times, Limited days; no.*
IR35-00-3
VPS
Package peak temperature: 215 °C,
Hour: within 40 s. (more than 200 °C),
Time: 3 times, Limited days: no.*
VP15-00-3
Wave soldering
Soldering tub temperature: less than 260 °C,
Hour: within 10 s.
Time: 1 time, Limited days: no.
WS60-00-1
Pin part heating
Pin area temperature: less than 300 °C,
Hour: within 3 s.
Limited days: no.*
*: It is the storage days after opening a dry pack, the storage conditions are 25 °C, less than 65 % RH.
Note 1. The combined use of soldering method is to be avoided (However, except the pin area heating method).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).


Similar Part No. - UPC2726T-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2726T-E3 NEC-UPC2726T-E3 Datasheet
45Kb / 4P
   1.6 GHz DIFFERENTIAL WIDEBAND SILICON WIDEBAND SILICON
More results

Similar Description - UPC2726T-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
   2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
   2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC1652G NEC-UPC1652G Datasheet
40Kb / 8P
   SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
UPC2713T NEC-UPC2713T Datasheet
44Kb / 5P
   1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2715T NEC-UPC2715T Datasheet
148Kb / 12P
   1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
   1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
   Integrated Circuit Wide Band Amplifier
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
   Integrated Circuit Wide-Band Power Amplifier
logo
Sony Corporation
CXA1777N SONY-CXA1777N Datasheet
129Kb / 7P
   WIDE BAND DIFFERENTIAL AMPLIFIER
logo
Toshiba Semiconductor
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com