Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6011 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6011
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6011 Datasheet(HTML) 9 Page - Intersil Corporation

  HIP6011 Datasheet HTML 1Page - Intersil Corporation HIP6011 Datasheet HTML 2Page - Intersil Corporation HIP6011 Datasheet HTML 3Page - Intersil Corporation HIP6011 Datasheet HTML 4Page - Intersil Corporation HIP6011 Datasheet HTML 5Page - Intersil Corporation HIP6011 Datasheet HTML 6Page - Intersil Corporation HIP6011 Datasheet HTML 7Page - Intersil Corporation HIP6011 Datasheet HTML 8Page - Intersil Corporation HIP6011 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Schottky Selection
Rectifier D2 conducts when the upper MOSFET Q1 is off.
The diode should be a Schottky type for low power losses.
The power dissipation in the schottky rectifier is approxi-
mated by:
In addition to power dissipation, package selection and heat-
sink requirements are the main design tradeoffs in choosing
the schottky rectifier. Since the three factors are interrelated,
the selection process is an iterative procedure. The maxi-
mum junction temperature of the rectifier must remain below
the manufacturer’s specified value, typically 125oC. By using
the package thermal resistance specification and the schot-
tky power dissipation equation (shown above), the junction
temperature of the rectifier can be estimated. Be sure to use
the available airflow and ambient temperature to determine
the junction temperature rise.
HIP6011 DC-DC Converter Application Circuit
The Figure below shows an application circuit of a DC-DC
Converter for a microprocessor application.
+
-
FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE OPTION
+12V
HIP6011
GND
UGATE
PHASE
BOOT
VCC
+5V OR LESS
NOTE:
VG-S VCC - 5V
Q1
D2
PCOND = IO x Vf x (1 - D)
Where: D is the duty cycle = VO/VIN, and
Vf is the schottky forward voltage drop
HIP6011
RT
FB
COMP
SS
REF
GND
MONITOR AND
PROTECTION
OSC
VCC
VIN
C1-C5
L2
C6-C11
0.1
µF
2x 1
µF
0.1
µF
1
µF
33pF
0.01
µF 15K
1K
3x 680
µF
4x 1000
µF
SPARE
UGATE
OCSET
PHASE
BOOT
SPARE
CR1
Q1
3.01K
1000pF
C13
R1
R3
R4
C16
C15
R5
C14
C12
C17-C18
C19
R6
C20
4148
U1
RTN
12VCC
12
2
10
9
8
7
4
5
14
3
SPARE
CR3
1206
1206
VOUT
RTN
ENABLE
R2
1K
COMP
TP1
PHASE
TP2
6
R7
10K
Component Selection Notes:
C1-3 - 3 Each 680
µF 25W VDC, Sanyo MV-GX or Equivalent
C6-9 - 4 Each 1000
µF 6.3W VDC, Sanyo MV-GX or Equivalent
L1 - Core: Micrometals T60-52; Winding: 14Turns of 17AWG
CR1 - 1N4148 or Equivalent
CR3 - 15A, 35V Schottky, Motorola MBR1535CT or Equivalent
Q1 - Intersil MOSFET; RFP25N05
EN
VSEN
1
OVP
13
Q2
2N6394
R8
10K
R7
1K
R8
1K
+
-
+
-
HIP6011


Similar Part No. - HIP6011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6012 RENESAS-HIP6012 Datasheet
655Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6012CB INTERSIL-HIP6012CB Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - HIP6011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6008 INTERSIL-HIP6008 Datasheet
209Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005A INTERSIL-HIP6005A Datasheet
153Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6015 INTERSIL-HIP6015 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com