Electronic Components Datasheet Search |
|
UPC2746TB Datasheet(PDF) 4 Page - NEC |
|
UPC2746TB Datasheet(HTML) 4 Page - NEC |
4 / 20 page 4 mmPC2745TB, mmPC2746TB ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL CONDITION RATINGS UNIT Supply voltage VCC TA = +25 °C 4.0 V Circuit current ICC TA = +25 °C16 mA Input power level Pin TA = +25 °C 0 dBm Total power dissipation PD Mounted on double sided copper clad 50 ´ 50 ´ 1.6 mm epoxy glass PWB (TA = +85 °C) 200 mW Operating ambient temperature TA -40 to +85 °C Storage temperature TSTG -55 to +150 °C RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL MIN. TYP. MAX. UNIT NOTICE Supply voltage VCC 2.7 3.0 3.3 V Operating ambient temperature TA -40 +25 +85 °C ELECTRICAL CHARACTERISTICS (TA = + 25 °°C, VCC = 3.0 V, ZL = ZS = 50 W W) mPC2745TB mPC2746TB MIN. TYP. MAX. MIN. TYP. MAX. Circuit current ICC No signals 5.0 7.5 10.0 5.0 7.5 10.0 mA Power Gain GP f = 0.5 GHz 9.0 12 14 16 19 21 dB Noise figure NF f = 0.5 GHz ¾ 6 7.5 ¾ 4.0 5.5 dB Upper limit operating frequency fu 3 dB down below from gain at f = 100 MHz 2.3 2.7 ¾ 1.1 1.5 ¾ GHz Isolation ISL f = 0.5 GHz 33 38 ¾ 40 45 ¾ dB Input return loss RLin f = 0.5 GHz 8 11 ¾ 10 13 ¾ dB Output return loss RLout f = 0.5 GHz 2.5 5.5 ¾ 5.5 8.5 ¾ dB Maximum output level PO(sat) f = 0.5 GHz, Pin = -6 dBm -4 -1 ¾-30 ¾ dBm PARAMETER SYMBOL TEST CONDITION UNIT |
Similar Part No. - UPC2746TB |
|
Similar Description - UPC2746TB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |