Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG602 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG602
Description  SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG602 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG602_15 Datasheet HTML 4Page - Analog Devices ADG602_15 Datasheet HTML 5Page - Analog Devices ADG602_15 Datasheet HTML 6Page - Analog Devices ADG602_15 Datasheet HTML 7Page - Analog Devices ADG602_15 Datasheet HTML 8Page - Analog Devices ADG602_15 Datasheet HTML 9Page - Analog Devices ADG602_15 Datasheet HTML 10Page - Analog Devices ADG602_15 Datasheet HTML 11Page - Analog Devices ADG602_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG601/ADG602
Rev. C | Page 8 of 12
500
400
0
300
200
100
150
450
50
250
350
VS (V)
TA =25°C
VDD =+5V
VSS =0V
VDD =+5V
VSS = –5V
–5
–4
–3
–2
–1
012345
Figure 11. Charge Injection vs. Source Voltage
180
160
0
80
60
40
20
140
100
120
tON
tOFF
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
VDD =+5V
VSS =0V
VDD =+5V
VSS =–5V
VDD =+5V
VSS = –5V
VDD =+5V
VSS =0V
Figure 12. tON/tOFF Times vs. Temperature
FREQUENCY (MHz)
0
–10
–80
–20
–30
–70
–40
–50
–60
VDD =+5V
VSS =–5V
TA = 25°C
0.2
1
10
100
Figure 13. Off Isolation vs. Frequency
FREQUENCY (MHz)
0
–2
–12
–4
–6
–10
–8
VDD =+5V
VSS = –5V
TA = 25°C
0.2
1
10
100
400
Figure 14. On Response vs. Frequency


Similar Part No. - ADG602_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG602BRM AD-ADG602BRM Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
ADG602BRM AD-ADG602BRM Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRM-REEL AD-ADG602BRM-REEL Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRM-REEL7 AD-ADG602BRM-REEL7 Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG602BRMZ AD-ADG602BRMZ Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
More results

Similar Description - ADG602_15

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
   SPST Switches
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
   SPST Switches
logo
Analog Devices
ADG601 AD-ADG601_15 Datasheet
327Kb / 12P
   SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
   6-SPST Switches
logo
Analog Devices
ADG621 AD-ADG621_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
   4-SPST Switches
logo
Analog Devices
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
BOWEI Integrated Circui...
SW801 BOWEI-SW801 Datasheet
329Kb / 1P
   8-SPST Switches
logo
Analog Devices
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
C&K Components
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com