Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6021EVAL1 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6021EVAL1
Description  Advanced PWM and Triple Linear Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6021EVAL1 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP6021EVAL1 Datasheet HTML 5Page - Intersil Corporation HIP6021EVAL1 Datasheet HTML 6Page - Intersil Corporation HIP6021EVAL1 Datasheet HTML 7Page - Intersil Corporation HIP6021EVAL1 Datasheet HTML 8Page - Intersil Corporation HIP6021EVAL1 Datasheet HTML 9Page - Intersil Corporation HIP6021EVAL1 Datasheet HTML 10Page - Intersil Corporation HIP6021EVAL1 Datasheet HTML 11Page - Intersil Corporation HIP6021EVAL1 Datasheet HTML 12Page - Intersil Corporation HIP6021EVAL1 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
for the linear controllers is that they monitor the VSEN pins
for under-voltage events. Should excessive currents cause
the voltage at the VSEN pins to fall below the linear under-
voltage threshold, the LUV signal sets the over-current
latch if CSS is fully charged. Blanking the LUV signal during
the CSS charge interval allows the linear outputs to build
above the under-voltage threshold during normal operation.
Cycling the bias input power off then on resets the counter
and the fault latch.
A resistor (ROCSET) programs the over-current trip level for
the PWM converter. As shown in Figure 5, the internal
200
µA current sink, IOCSET develops a voltage across
ROCSET (VSET) that is referenced to VIN. The DRIVE
signal enables the over-current comparator (OVER-
CURRENT). When the voltage across the upper MOSFET
(VDS) exceeds VSET, the over-current comparator trips to
set the over-current latch. Both VSET and VDS are
referenced to VIN and a small capacitor across ROCSET
helps VOCSET track the variations of VIN due to MOSFET
switching. The over-current function will trip at a peak
inductor current (IPEAK) determined by:
The OC trip point varies with MOSFET’s rDS(ON)
temperature variations. To avoid over-current tripping in the
normal operating load range, determine the ROCSET
resistor from the equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for IPEAK >IOUT(MAX) +(∆I)/2, where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘PWM Output Inductor
Selection’.
OUT1 Voltage Program
The output voltage of the PWM converter is programmed to
discrete levels between 1.3VDC and 3.5VDC. This output
(OUT1) is designed to supply the core voltage of Intel’s
advanced microprocessors. The voltage identification (VID)
pins program an internal voltage reference (DACOUT) with a
TTL-compatible 5-bit digital-to-analog converter. The level of
DACOUT also sets the PGOOD and OVP thresholds.
Table 1 specifies the DACOUT voltage for the different
combinations of connections on the VID pins. The VID pins
can be left open for a logic 1 input, because they are
internally pulled up to an internal voltage of about 5V by a
10
µA current source. Changing the VID inputs during
operation is not recommended and could toggle the PGOOD
signal and exercise the over-voltage protection.
0A
0V
2V
4V
FIGURE 4. OVER-CURRENT OPERATION
TIME
T1
T2
T3
T0
T4
0V
10V
OVERLOAD
APPLIED
FAULT
REPORTED
COUNT
= 1
COUNT
= 2
COUNT
= 3
I
PEAK =
I
OCSET
R
OCSET
×
r
DS ON
()
----------------------------------------------------
UGATE
OCSET
PHASE
OVER-
CURRENT
+
-
GATE
CONTROL
VCC
OC
200
µA
VDS
iD
VSET
ROCSET
VIN = +5V
OVER-CURRENT TRIP:
IOCSET
+
+
FIGURE 5. OVER-CURRENT DETECTION
PWM
DRIVE
i
D
r
DS ON
()
×
I
OCSET
R
OCSET
×
>
V
DS
V
SET
>
V
PHASE
V
IN
V
DS
=
V
OCSET
V
IN
V
SET
=
HIP6021A


Similar Part No. - HIP6021EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021EVAL1 INTERSIL-HIP6021EVAL1 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021EVAL1 INTERSIL-HIP6021EVAL1 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021EVAL1 INTERSIL-HIP6021EVAL1 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021EVAL1 RENESAS-HIP6021EVAL1 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
More results

Similar Description - HIP6021EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
   PWM and Triple Linear Power Controller
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
   Advanced PWM and Linear Power Controller
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
   Advanced PWM and Linear Power Controller
logo
Intersil Corporation
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com