Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG633 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG633
Description  Triple SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG633 Datasheet(HTML) 2 Page - Analog Devices

  ADG633_15 Datasheet HTML 1Page - Analog Devices ADG633_15 Datasheet HTML 2Page - Analog Devices ADG633_15 Datasheet HTML 3Page - Analog Devices ADG633_15 Datasheet HTML 4Page - Analog Devices ADG633_15 Datasheet HTML 5Page - Analog Devices ADG633_15 Datasheet HTML 6Page - Analog Devices ADG633_15 Datasheet HTML 7Page - Analog Devices ADG633_15 Datasheet HTML 8Page - Analog Devices ADG633_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG633
Rev. A | Page 2 of
16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Dual-Supply Operation ............................................................... 3
 
Single-Supply Operation ............................................................. 4
 
Absolute Maximum Ratings ............................................................6
 
ESD Caution...................................................................................6
 
Pin Configuration and Function Descriptions..............................7
 
Typical Performance Characteristics ..............................................8
 
Terminology .................................................................................... 11
 
Test Circuits..................................................................................... 12
 
Outline Dimensions ....................................................................... 14
 
Ordering Guide .......................................................................... 14
 
REVISION HISTORY
11/09—Rev. 0 to Rev. A
Changes to Table 4............................................................................ 6
Added Table 5; Renumbered Sequentially .................................... 7
Changes to Table 6............................................................................ 7
Update Outline Dimensions ......................................................... 14
Changes to Ordering Guide .......................................................... 14
2/03—Revision 0: Initial Version


Similar Part No. - ADG633_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG633YCP AD-ADG633YCP Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG633YCP AD-ADG633YCP Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCP-REEL7 AD-ADG633YCP-REEL7 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCPZ-REEL71 AD-ADG633YCPZ-REEL71 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCPZ1 AD-ADG633YCPZ1 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
More results

Similar Description - ADG633_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4783 ONSEMI-NLAS4783_08 Datasheet
153Kb / 11P
   Triple SPDT 1.0  RON Switch
July, 2008 ??Rev. 3
NLAS4783 ONSEMI-NLAS4783 Datasheet
86Kb / 10P
   Triple SPDT 1.0 ohm RON Switch
October, 2005 ??Rev. 1
NLAS4783B ONSEMI-NLAS4783B_08 Datasheet
152Kb / 11P
   Triple SPDT 1.0 ohm RON Switch
July, 2008 ??Rev. 1
NLAS4783B ONSEMI-NLAS4783B Datasheet
85Kb / 10P
   Triple SPDT 1.0 ohm RON Switch
March, 2006 ??Rev. 0
FSA2367 ONSEMI-FSA2367 Datasheet
754Kb / 15P
   Triple-SPDT, Negative-Swing Audio Source Switch
August 2009 Rev. 1.0.2
logo
Vishay Siliconix
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
   Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
Rev. B, 01-Jan-07
logo
Analog Devices
ADG633 AD-ADG633 Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com