Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG633 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG633
Description  Triple SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG633 Datasheet(HTML) 3 Page - Analog Devices

  ADG633_15 Datasheet HTML 1Page - Analog Devices ADG633_15 Datasheet HTML 2Page - Analog Devices ADG633_15 Datasheet HTML 3Page - Analog Devices ADG633_15 Datasheet HTML 4Page - Analog Devices ADG633_15 Datasheet HTML 5Page - Analog Devices ADG633_15 Datasheet HTML 6Page - Analog Devices ADG633_15 Datasheet HTML 7Page - Analog Devices ADG633_15 Datasheet HTML 8Page - Analog Devices ADG633_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG633
Rev. A | Page 3 of
16
SPECIFICATIONS
DUAL-SUPPLY OPERATION
VDD = +5 V, VSS = −5 V, GND = 0 V, TA = −40°C to +125°C, unless otherwise noted.
Table 1.
B Version
Y Version
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
VDD = +4.5 V, VSS = −4.5 V
On Resistance, RON
52
Ω typ
VS = ±4.5 V, IS = 1 mA; see Figure 20
75
90
100
Ω max
VS = ±4.5 V, IS = 1 mA; see Figure 20
On-Resistance Match
Between Channels, ΔRON
0.8
Ω typ
VS = +3.5 V, IS = 1 mA
1.3
1.8
2
Ω max
VS = +3.5 V, IS = 1 mA
On-Resistance Flatness, RFLAT(ON)
9
Ω typ
VDD = +5 V, VSS = −5 V, VS = ±3 V, IS = 1 mA
12
13
14
Ω max
VDD = +5 V, VSS = −5 V, VS = ±3 V, IS = 1 mA
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS(OFF)
±0.005
nA typ
VD = ±4.5 V, VS = +4.5 V; see Figure 21
±0.2
±5
nA max
VD = ±4.5 V, VS = +4.5 V; see Figure 21
Drain Off Leakage, ID(OFF)
±0.005
nA typ
VD = ±4.5 V, VS = + 4.5 V; see Figure 22
±0.2
±5
nA max
VD = ±4.5 V, VS = + 4.5 V; see Figure 22
Channel On Leakage, ID(ON), IS(ON)
±0.005
nA typ
VD = VS = ±4.5 V; see Figure 23
±0.2
±5
nA max
VD = VS = ±4.5 V; see Figure 23
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±1
μA max
VIN = VINL or VINH
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS1
tTRANSITION
60
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 24
90
110
130
ns max
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 24
tON (EN)
70
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 26
95
120
135
ns max
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 26
tOFF (EN)
25
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 26
40
45
50
ns max
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 26
Break-Before-Make Time Delay, tBBM
40
ns typ
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 3 V; see Figure 25
10
ns min
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 3 V; see Figure 25
Charge Injection
2
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 27
4
pC max
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 27
Off Isolation
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
Total Harmonic Distortion, THD + N
0.025
% typ
RL = 600 Ω, 2 V p-p, f = 20 Hz to 20 kHz
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 30
−3 dB Bandwidth
580
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 29
CS(OFF)
4
pF typ
f = 1 MHz
CD(OFF)
7
pF typ
f = 1 MHz
CD(ON), CS(ON)
12
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.01
μA typ
Digital inputs = 0 V or 5.5 V
1
μA max
Digital inputs = 0 V or 5.5 V
ISS
0.01
μA typ
Digital inputs = 0 V or 5.5 V
1
μA max
Digital inputs = 0 V or 5.5 V
1 Guaranteed by design; not subject to production test.


Similar Part No. - ADG633_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG633YCP AD-ADG633YCP Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG633YCP AD-ADG633YCP Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCP-REEL7 AD-ADG633YCP-REEL7 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCPZ-REEL71 AD-ADG633YCPZ-REEL71 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG633YCPZ1 AD-ADG633YCPZ1 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
More results

Similar Description - ADG633_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4783 ONSEMI-NLAS4783_08 Datasheet
153Kb / 11P
   Triple SPDT 1.0  RON Switch
July, 2008 ??Rev. 3
NLAS4783 ONSEMI-NLAS4783 Datasheet
86Kb / 10P
   Triple SPDT 1.0 ohm RON Switch
October, 2005 ??Rev. 1
NLAS4783B ONSEMI-NLAS4783B_08 Datasheet
152Kb / 11P
   Triple SPDT 1.0 ohm RON Switch
July, 2008 ??Rev. 1
NLAS4783B ONSEMI-NLAS4783B Datasheet
85Kb / 10P
   Triple SPDT 1.0 ohm RON Switch
March, 2006 ??Rev. 0
FSA2367 ONSEMI-FSA2367 Datasheet
754Kb / 15P
   Triple-SPDT, Negative-Swing Audio Source Switch
August 2009 Rev. 1.0.2
logo
Vishay Siliconix
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
   Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
Rev. B, 01-Jan-07
logo
Analog Devices
ADG633 AD-ADG633 Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com