Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6500 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6500
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6500 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6500 Datasheet HTML 1Page - Intersil Corporation HIP6500 Datasheet HTML 2Page - Intersil Corporation HIP6500 Datasheet HTML 3Page - Intersil Corporation HIP6500 Datasheet HTML 4Page - Intersil Corporation HIP6500 Datasheet HTML 5Page - Intersil Corporation HIP6500 Datasheet HTML 6Page - Intersil Corporation HIP6500 Datasheet HTML 7Page - Intersil Corporation HIP6500 Datasheet HTML 8Page - Intersil Corporation HIP6500 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
3.3VDUAL LINEAR REGULATOR (VOUT3)
Sleep State Regulation
-
-
2.0
%
3V3DL Nominal Voltage Level
V3V3DL
-
3.3
-
V
3V3DL Undervoltage Rising Threshold
-
2.77
-
V
3V3DL Undervoltage Hysteresis
-
110
-
mV
3V3DLSB Output Drive Current
I3V3DLSB
5VSB = 5V
5
8.5
-
mA
DLA Output Impedance
-90-
2.5VCLK LINEAR REGULATOR (VOUT4)
Regulation
-
-
2.0
%
VCLK Nominal Voltage Level
VVCLK
-
2.5
-
V
VCLK Undervoltage Rising Threshold
-
2.10
-
V
VCLK Undervoltage Hysteresis
-80-
mV
VCLK Output Current (Note 3)
IVCLK
V3V3 = 3.3V
500
800
-
mA
5VDUAL SWITCH CONTROLLER (VOUT5)
5VDL Undervoltage Rising Threshold
-
4.22
-
V
5VDL Undervoltage Hysteresis
-
170
-
mV
5VDLSB Output Drive Current
I5VDLSB
5VDLSB = 4V, 5VSB = 5V
-20
-
-40
mA
5VDLSB Pull-up Impedance to 5VSB
-
350
-
TIMING INTERVALS
Active State Assessment Past Input UV
Thresholds (Note 4)
20
25
30
ms
Active-to-Sleep Control Input Delay
-
200
-
µs
CONTROL I/O (S3, S5, EN3VDL, EN5VDL, FAULT/MSEL)
High Level Input Threshold
-
-
2.2
V
Low Level Input Threshold
0.8
-
-
V
S3, S5 Internal Pull-Up Impedance to 5VSB
-
70
-
k
FAULT Output Impedance
FAULT = high
-
100
-
TEMPERATURE MONITOR
Fault-Level Threshold (Note 5)
140
-
-
oC
Shutdown-Level Threshold (Note 5)
-
155
-
oC
NOTES:
2. Valid for 3.3V setting only.
3. At ambient temperatures less than 50oC.
4. Guaranteed by correlation.
5. Guaranteed by design.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted Refer to Figures 1, 2 and 3 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HIP6500


Similar Part No. - HIP6500

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500BCB INTERSIL-HIP6500BCB Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
HIP6500BCB RENESAS-HIP6500BCB Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results

Similar Description - HIP6500

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com