Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG722 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG722
Description  CMOS, Low Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG722 Datasheet(HTML) 3 Page - Analog Devices

  ADG722_15 Datasheet HTML 1Page - Analog Devices ADG722_15 Datasheet HTML 2Page - Analog Devices ADG722_15 Datasheet HTML 3Page - Analog Devices ADG722_15 Datasheet HTML 4Page - Analog Devices ADG722_15 Datasheet HTML 5Page - Analog Devices ADG722_15 Datasheet HTML 6Page - Analog Devices ADG722_15 Datasheet HTML 7Page - Analog Devices ADG722_15 Datasheet HTML 8Page - Analog Devices ADG722_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADG721/ADG722/ADG723
Rev. E | Page 3 of 16
SPECIFICATIONS
VDD = 5 V ± 10%, GND = 0 V. All specifications −40°C to +85°C, unless otherwise noted.
Table 1.
A, B Grade1
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance, RON
2.5
Ω typ
VS = 0 V to VDD, IS = −10 mA
4
5
Ω max
See Figure 12
On Resistance Match Between Channels, ∆RON
0.3
Ω typ
VS = 0 V to VDD, IS = −10 mA
1.0
Ω max
On Resistance Flatness, RFLAT(ON)
0.85
Ω typ
VS = 0 V to VDD, IS = −10 mA
1.5
Ω max
LEAKAGE CURRENTS – A Grade
VDD = 5.5 V
Source off Leakage, IS (OFF)
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V, see Figure 13
Drain off Leakage, ID (OFF)
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V, see Figure 13
Channel on Leakage, ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V or VS = VD = 4.5 V, see Figure 14
LEAKAGE CURRENTS – B Grade
VDD = 5.5 V
Source off Leakage, IS (OFF)
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V
±0.25
±0.35
nA max
Test Circuit 2
Drain off Leakage, ID (OFF)
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V
±0.25
±0.35
nA max
See Figure 13
Channel on Leakage, ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V or VS = VD = 4.5 V
±0.25
±0.35
nA max
See Figure 14
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS2
tON
14
ns typ
RL = 300 Ω, CL = 35 pF
20
ns max
VS = 3 V, see Figure 15
tOFF
6
ns typ
RL = 300 Ω, CL = 35 pF
10
ns max
VS = 3 V, see Figure 15
Break-Before-Make Time Delay, tD (ADG723 Only)
7
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 3 V, see Figure 16
Charge Injection
2
pC typ
VS = 2 V, RS = 0 Ω, CL = 1 nF, see Figure 17
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 18
Channel-to-Channel Crosstalk
−77
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−97
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 19
Bandwidth −3 dB
200
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 20
CS (OFF)
7
pF typ
CD (OFF)
7
pF typ
CD, CS (ON)
18
pF typ
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or 5 V
1.0
μA max
1
Temperature range: A, B grades, −40°C to +85°C. All specifications apply to both grades unless otherwise stated.
2
Guaranteed by design; not subject to production test.


Similar Part No. - ADG722_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG722ACPZ-REEL AD-ADG722ACPZ-REEL Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG722ACPZ-REEL7 AD-ADG722ACPZ-REEL7 Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG722BRM AD-ADG722BRM Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG722BRM AD-ADG722BRM Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG722BRM-REEL7 AD-ADG722BRM-REEL7 Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
More results

Similar Description - ADG722_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com