Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBN2412C6-0-T1-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # HBN2412C6-0-T1-G
Description  General Purpose NPN Epitaxial Planar Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBN2412C6-0-T1-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  HBN2412C6-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. HBN2412C6-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. HBN2412C6-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. HBN2412C6-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. HBN2412C6-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. HBN2412C6-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. HBN2412C6-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C202C6
Issued Date : 2014.05.11
Revised Date :
Page No. : 1/7
HBN2412C6
CYStek Product Specification
General Purpose NPN Epitaxial Planar Transistors
(dual transistors)
HBN2412C6
Features
• Two BTC2412 chips in a SOT-563 package.
• Mounting possible with SOT-523 automatic mounting machines.
• Transistor elements are independent, eliminating interference.
• Mounting cost and area can be cut in half.
• Low Cob. Typ. Cob=2.0pF.
• Complementary to HBP1037C6
• Pb-free lead plating and halogen-free package.
Equivalent Circuit
Outline
SOT-563
HBN2412C6
Tr1
Tr2
C1
B2
E2
E1
B1
C2
Ordering Information
Device
Package
Shipping
HBN2412C6-0-T1-G
SOT-563
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - HBN2412C6-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBN2412S6R CYSTEKEC-HBN2412S6R Datasheet
182Kb / 5P
   General Purpose NPN Epitaxial Planar Transistors (dual transistors)
More results

Similar Description - HBN2412C6-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBC8472S6R CYSTEKEC-HBC8472S6R Datasheet
258Kb / 6P
   General Purpose NPN Epitaxial Planar Transistors
HBN2411S6R CYSTEKEC-HBN2411S6R Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistors
HBC8471S6R CYSTEKEC-HBC8471S6R Datasheet
257Kb / 6P
   General Purpose NPN Epitaxial Planar Transistors
HBN2222S6R CYSTEKEC-HBN2222S6R Datasheet
168Kb / 4P
   General Purpose NPN Epitaxial Planar Transistors
HBN2412S6R CYSTEKEC-HBN2412S6R Datasheet
182Kb / 5P
   General Purpose NPN Epitaxial Planar Transistors (dual transistors)
HBNP54S6 CYSTEKEC-HBNP54S6 Datasheet
323Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP3946S6R CYSTEKEC-HBNP3946S6R Datasheet
152Kb / 5P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP45C6 CYSTEKEC-HBNP45C6 Datasheet
283Kb / 7P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNPZ1NS6R CYSTEKEC-HBNPZ1NS6R Datasheet
198Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6 CYSTEKEC-HBNP54S6_17 Datasheet
332Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com