Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP7020 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP7020
Description  J1850 Bus Transceiver For Multiplex Wiring Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7020 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP7020 Datasheet HTML 3Page - Intersil Corporation HIP7020 Datasheet HTML 4Page - Intersil Corporation HIP7020 Datasheet HTML 5Page - Intersil Corporation HIP7020 Datasheet HTML 6Page - Intersil Corporation HIP7020 Datasheet HTML 7Page - Intersil Corporation HIP7020 Datasheet HTML 8Page - Intersil Corporation HIP7020 Datasheet HTML 9Page - Intersil Corporation HIP7020 Datasheet HTML 10Page - Intersil Corporation HIP7020 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
HIP7020
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between
English and Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated
in JEDEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protru-
sions. Mold flash or protrusions shall not exceed 0.010 inch
(0.25mm).
6. E and
are measured with the leads constrained to be per-
pendicular to datum
.
7. eB and eC are measured at the lead tips with the leads uncon-
strained. eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions.
Dambar protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3,
E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch
(0.76 - 1.14mm).
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
1 2 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C
A
M
B S
eA
-C-
Dual-In-Line Plastic Packages (PDIP)
E8.3 (JEDEC MS-001-BA ISSUE D)
8 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.355
0.400
9.01
10.16
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N8
8
9
Rev. 0 12/93


Similar Part No. - HIP7020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP7010 INTERSIL-HIP7010 Datasheet
106Kb / 20P
   J1850 Byte Level Interface Circuit
HIP7010B INTERSIL-HIP7010B Datasheet
106Kb / 20P
   J1850 Byte Level Interface Circuit
HIP7010P INTERSIL-HIP7010P Datasheet
106Kb / 20P
   J1850 Byte Level Interface Circuit
HIP7030A0 INTERSIL-HIP7030A0 Datasheet
44Kb / 10P
   J1850 8-Bit 68HC05 Microcontroller Emulator Version
HIP7030A0M INTERSIL-HIP7030A0M Datasheet
44Kb / 10P
   J1850 8-Bit 68HC05 Microcontroller Emulator Version
More results

Similar Description - HIP7020

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
   SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
NXP Semiconductors
AU5780 PHILIPS-AU5780 Datasheet
74Kb / 10P
   SAE/J1850/VPW transceiver
1998 Jun 30
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
logo
TEMIC Semiconductors
U6057B TEMIC-U6057B Datasheet
87Kb / 9P
   Receiver for Point-to-Point Multiplex Systems
logo
Sanyo Semicon Device
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72709E SANYO-LC72709E Datasheet
194Kb / 16P
   FM Multiplex Reception IC for Mobile Systems
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
NXP Semiconductors
AU5783 PHILIPS-AU5783 Datasheet
115Kb / 14P
   J1850/VPW transceiver with supply control function
1999 May 11
logo
Analog Devices
ADM3051 AD-ADM3051_V01 Datasheet
215Kb / 16P
   High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems
Rev. A
logo
ETAL Group
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com