Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP9011 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP9011
Description  Engine Knock Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9011 Datasheet(HTML) 4 Page - Intersil Corporation

  HIP9011 Datasheet HTML 1Page - Intersil Corporation HIP9011 Datasheet HTML 2Page - Intersil Corporation HIP9011 Datasheet HTML 3Page - Intersil Corporation HIP9011 Datasheet HTML 4Page - Intersil Corporation HIP9011 Datasheet HTML 5Page - Intersil Corporation HIP9011 Datasheet HTML 6Page - Intersil Corporation HIP9011 Datasheet HTML 7Page - Intersil Corporation HIP9011 Datasheet HTML 8Page - Intersil Corporation HIP9011 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4-4
INPUT AMPLIFIERS
CH0 and CH1 High Output Voltage
VOUTHI
ISINK = 100µA, VDD = 5.0V
4.7
4.9
-
V
CH0 and CH1 Low Output Voltage
VOUTLO
ISOURCE = 100µA; VDD = 5.0V
-
15
200
mV
Voltage Gain
ACL
Input R = 47.5K, Feedback
R = 475k
+18
+20
+21
dB
ANTIALIASING FILTER
Response 1kHz to 20kHz, Referenced to 1kHz
BW
Test Mode
-
-0.5
-
dB
Attenuation at 180kHz, Referenced
to 1kHz
ATTEN
Test Mode
-10
-15
-
dB
PROGRAMMABLE FILTERS
Peak to Peak Voltage Output
VOUT
Run Mode
3.5
4.0
-
VP-P
Filters Q (Note 2)
Q
Run Mode
-
2.5
-
Q
PROGRAMMABLE GAIN AMPLIFIERS
Percent Amplifier Gain Deviation
%G
Run Mode
-
±1-
%
INTEGRATOR
Integrator Reset Voltage
VRESET
Pin 4 Voltage at Start of
Integration
Cycle; VDD = 5.0V
75
125
175
mV
Integrator Droop after 500
µsVDROOP
Hold Mode, Pin 7 = 0V,
VDD = 5.0V
Pin 4 set to 20% to 80% of VDD
-
±3
±50
mV
DIFFERENTIAL CONVERTER
Differential to Single Ended Converter Offset
Voltage
DIFVIO
By Design
-
0.1
-
mV
Change In Converter Output
DIFOUT
Run Mode, 500
µA Sinking Load
to No Load Condition
-
±1
±10
mV
SYSTEM GAIN DEVIATION
Gain Deviation from “Ideal Equation” Correlation
Factor + 5.0% (Note 3)
VOUT -
VRESET
Run Mode, maximum signal
output from Input Amplifier
<2.25VP-P, Equation Output X
0.95 + Device Reset Voltage;
For Total VOUT ≤ 4.7V
-8%,
±100mV
Equa-
tion
X 0.95
- VRE-
SET
8%,
±100mV
V
NOTES:
2. Q = fo/BW, where: fo = Center Frequency, BW = 3dB Bandwidth
3. Ideal Equation: INTOUT (Volts) = [VIN * GIN * GPR * GBPF * 1/π * (N/tC(ms) * fQ(kHz)) * GDSE] + VRESET
Where: VIN = input signal amplitude (VP-P)
GIN = External Input Gain; GIN = RF/RIN
GPR = Programmed Gain
GBPF = Gain of Bandpass Filter (2 for Ideal Case at Center)
tINT = Integration Time; tINT = N/fQ
0.318 = 1/
π
N = Number of Cycles of Input Signal
fQ = Frequency of Input Signal
RF = Feedback Resistor Value
RIN = Signal Input Resistor Value
tC = Programmed Time Constant
GDSE = Gain of DSE Converter (2 for Ideal Case)
VRESET = Integrator Reset Voltage = 0.125V, Typ
Electrical Specifications
VDD = 5V ±5%, GND = 0V, Clock Frequency 4MHz ±0.1%, TA = -40
oC to 125oC,
Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HIP9011


Similar Part No. - HIP9011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011 Datasheet
245Kb / 11P
   Engine Knock Signal Processor
HIP9011 INTERSIL-HIP9011 Datasheet
251Kb / 11P
   Engine Knock Signal Processor
January 6, 2006
logo
Renesas Technology Corp
HIP9011 RENESAS-HIP9011 Datasheet
537Kb / 11P
   Engine Knock Signal Processor
logo
Intersil Corporation
HIP9011AB INTERSIL-HIP9011AB Datasheet
245Kb / 11P
   Engine Knock Signal Processor
HIP9011AB INTERSIL-HIP9011AB Datasheet
251Kb / 11P
   Engine Knock Signal Processor
More results

Similar Description - HIP9011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011ABT INTERSIL-HIP9011ABT Datasheet
251Kb / 11P
   Engine Knock Signal Processor
logo
Renesas Technology Corp
HIP9011 RENESAS-HIP9011 Datasheet
537Kb / 11P
   Engine Knock Signal Processor
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011_06 Datasheet
245Kb / 11P
   Engine Knock Signal Processor
HIP9011ABZT INTERSIL-HIP9011ABZT Datasheet
251Kb / 11P
   Engine Knock Signal Processor
January 6, 2006
HIP9010 INTERSIL-HIP9010 Datasheet
81Kb / 12P
   Engine Knock Signal Processor
logo
BOSER Technology Co., L...
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
   Eden processor Embedded Engine Board
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
[Old version datasheet]   Signal Processor
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
   ULV Intel짰 Celeron짰 Processor Embedded Engine Board
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
logo
Texas Instruments
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com