Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1-6508883 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HM1-6508883
Description  1024 x 1 CMOS RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM1-6508883 Datasheet(HTML) 8 Page - Intersil Corporation

  HM1-6508883 Datasheet HTML 1Page - Intersil Corporation HM1-6508883 Datasheet HTML 2Page - Intersil Corporation HM1-6508883 Datasheet HTML 3Page - Intersil Corporation HM1-6508883 Datasheet HTML 4Page - Intersil Corporation HM1-6508883 Datasheet HTML 5Page - Intersil Corporation HM1-6508883 Datasheet HTML 6Page - Intersil Corporation HM1-6508883 Datasheet HTML 7Page - Intersil Corporation HM1-6508883 Datasheet HTML 8Page - Intersil Corporation HM1-6508883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
6-76
Burn-In Circuit
HM6508/883 CERDIP
NOTES:
1. All resistors 47k
Ω±5%.
2. F0 = 100kHz
±10%.
3. F1 = F0
÷ 2, F2 = F1 ÷ 2, F3 = F2 ÷ 2. . . F12 = F11 ÷ 2.
4. VCC = 5.5V
±0.5V.
5. VIH = 4.5V
±10%.
6. VIL = -0.2V to +0.4V.
7. C1 = 0.01
µF Min.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
A1
A2
A3
A4
GND
Q
E
VCC
A9
A8
A7
A6
A5
D
W
C1
VCC
F2
F1
F12
F11
F8
F0
F7
F6
F4
F2
F3
F5
F10
F9
HM-6508/883


Similar Part No. - HM1-6508883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM1-6504/883 INTERSIL-HM1-6504/883 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
HM1-6504883 INTERSIL-HM1-6504883 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
HM1-6504B/883 INTERSIL-HM1-6504B/883 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
HM1-6504B883 INTERSIL-HM1-6504B883 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
More results

Similar Description - HM1-6508883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6518 INTERSIL-HM-6518 Datasheet
220Kb / 9P
   1024 x 1 CMOS RAM
HM-6514 INTERSIL-HM-6514 Datasheet
41Kb / 7P
   1024 x 4 CMOS RAM
HM-6514883 INTERSIL-HM-6514883 Datasheet
193Kb / 9P
   1024 x 4 CMOS RAM
CDP1821C INTERSIL-CDP1821C Datasheet
32Kb / 7P
   High-Reliability CMOS 1024-Word x 1-Bit Static RAM
March 1997
HM-6504 INTERSIL-HM-6504 Datasheet
167Kb / 10P
   4096 x 1 CMOS RAM
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
   1024-word x 4-bit High Speed Static CMOS RAM
logo
Sanyo Semicon Device
LC3514 SANYO-LC3514 Datasheet
132Kb / 1P
   1024 WORDS X 4 BITS HIGH-SPEED CMOS STATIC RAM
logo
National Semiconductor ...
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
   1024-Bit (1024 x 1) Static RAMs
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Intel Corporation
M2148H INTEL-M2148H Datasheet
2Mb / 5P
   HIGH SPEED 1024 X BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com