Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1210ST89R120 Datasheet(PDF) 5 Page - YOBON TECHNOLOGIES,INC.

Part # YB1210ST89R120
Description  300mA, Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST89R120 Datasheet(HTML) 5 Page - YOBON TECHNOLOGIES,INC.

  YB1210ST89R120 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1210ST89R120 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1210ST89R120 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1210ST89R120 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST89R120 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST89R120 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST89R120 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST89R120 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST89R120 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
YB1210R
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R Rev.1.6
www.yobon.com.tw
5
Dropout Voltage vs. Output Load
Ground Current vs. Input Voltage
Dropout Voltage vs. Temperature
Dropout Voltage vs. Temperature
Output Voltage vs. Temperature
Output Voltage vs. Temperature
Typical Performance Characteristics
VIN = ( VOUT + 1V ), CIN = COUT = 1.0μF, VEN = VIN, TA=25°C, unless otherwise noted.


Similar Part No. - YB1210ST89R120

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210ST89S-1.8G YOBON-YB1210ST89S-1.8G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89S-2.5G YOBON-YB1210ST89S-2.5G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89S-2.6G YOBON-YB1210ST89S-2.6G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89S-2.8G YOBON-YB1210ST89S-2.8G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89S-3.0G YOBON-YB1210ST89S-3.0G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1210ST89R120

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com