Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1517 Datasheet(PDF) 1 Page - YOBON TECHNOLOGIES,INC.

Part # YB1517
Description  Step-up DC-DC Converter & White LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1517 Datasheet(HTML) 1 Page - YOBON TECHNOLOGIES,INC.

  YB1517 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1517 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1517 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1517 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1517 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1517 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1517 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1517 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1517 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
YB1517
Step-up DC-DC Converter & White LED Driver
YB1517 Rev.1.4
www.yobon.com.tw
1
Description
The YB1517 is a Current-mode PWM
step-up DC-DC converter. It can drive up to
18V in 20mA output current conditions
while Vin at 3.0V and 20V at 3.5Vin. The
900 KHz switching frequency allows it to
work with tiny external components,
therefore minimize the footprint and cost in
space consideration products.
One of the major applications for YB1517
is in the dc to dc converter and OLED
power supply and TFT panel power supply.
When using YB1517 for white LED driving,
it is not recommended to control LED
brightness by applying a PWM signal to the
CTRL pin, because the built-in soft-start
circuit might interfere the start-up operation
of YB1517 and cause lower brightness. It
operates as current source to drive up to 6
white LEDs in series at 3.3V input
. Series
connecting of the LEDs provides identical
LED
currents
resulting
in
uniform
brightness and eliminating the need for
ballast resistors. The light intensity of these
LEDs is proportional to the current passing
through them
.
YB1517 has integrated Latched Over
Voltage Protection that prevents damage to
the device in case of a high impedance
output due to faulty LED or open circuit
caused by abnormal conditions.
Features
900KHz Current-mode PWM Converter
Built-in Internal Switch
Adjustable Output Voltage up to 20V
2.7V to 16V Input Range
<1uA Shutdown Current
Internal Soft Start
Drives up to 6 White LEDs
Tiny Inductor and Capacitors Allowed
Over Voltage Protection 30V
Small 5-Lead SOT-23 Package
220mV Low Reference Voltage
Green package (RoHS) available
Applications
LCD Display Module
White LED Backlighting
PDAs, GPS Terminals
Digital Cameras
Cellular Phone
Electronic Books
Portable Applications
Typical Application Circuit


Similar Part No. - YB1517

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1518ST25 YOBON-YB1518ST25 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
   High-Power White LED Driver
More results

Similar Description - YB1517

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
logo
Taiwan Semiconductor Co...
TS1518 TSC-TS1518 Datasheet
355Kb / 7P
   Step-Up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com