Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8413203YA Datasheet(PDF) 4 Page - Intersil Corporation

Part # 8413203YA
Description  16K x 1 Asynchronous CMOS Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

8413203YA Datasheet(HTML) 4 Page - Intersil Corporation

  8413203YA Datasheet HTML 1Page - Intersil Corporation 8413203YA Datasheet HTML 2Page - Intersil Corporation 8413203YA Datasheet HTML 3Page - Intersil Corporation 8413203YA Datasheet HTML 4Page - Intersil Corporation 8413203YA Datasheet HTML 5Page - Intersil Corporation 8413203YA Datasheet HTML 6Page - Intersil Corporation 8413203YA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6-4
AC Electrical Specifications VCC = 5V 10%,TA = -40oC to +85oC (HM-65262B-9, HM-65262-9, HM-65262C-9)
SYMBOL
PARAMETER
LIMITS
UNITS
TEST
CONDITIONS
HM-65262B-9
HM-65262-9
HM-65262C-9
MIN
MAX
MIN
MAX
MIN
MAX
READ CYCLE
(1)
TAVAX
Read/Cycle Time
70
-
85
-
85
-
ns
(Notes 1, 3)
(2)
TAVQV
Address Access Time
-
70
-
85
-
85
ns
(Notes 1, 3)
(3)
TELQV
Chip Enable Access Time
-
70
-
85
-
85
ns
(Notes 1, 3)
(4)
TELQX
Chip Enable Output Enable
Time
5-5-5-
ns
(Notes 2, 3)
(5)
TEHQX
Chip Disable Output Hold
Time
5-5-5-
ns
(Notes 2, 3)
(6)
TAXQX
Address Invalid Output Hold
Time
5-5-5-
ns
(Notes 2, 3)
(7)
TEHQZ
Chip Enable Output Disable
Time
-30-30
-30
ns
(Notes 2, 3)
WRITE CYCLE
(8)
TAVAX
Write Cycle Time
70
-
85
-
85
-
ns
(Notes 1, 3)
(9)
TELWH
Chip Selection to End of
Write
55
-
65
-
65
-
ns
(Notes 1, 3)
(10)
TWLWH
Write Enable Pulse Width
40
-
45
-
45
-
ns
(Notes 1, 3)
(11)
TAVWL
Address Setup Time
0
-
0
-
0
-
ns
(Notes 1, 3)
(12)
TWHAX
Address Hold Time
0
-
0
-
0
-
ns
(Notes 1, 3)
(13)
TDVWH
Data Setup Time
30
-
35
-
35
-
ns
(Notes 1, 3)
(14)
TWHDX
Data Hold Time
0
-
0
-
0
-
ns
(Notes 1, 3)
(15)
TWLQZ
Write Enable Output Disable
Time
-30-30
-30
ns
(Notes 2, 3)
(16)
TWHQX
Write Disable Output Enable
Time
0-0-0-
ns
(Notes 2, 3)
(17)
TAVWH
Address Valid to End of Write
55
-
65
-
65
-
ns
(Notes 1, 3)
(18)
TAVEL
Address Setup Time
0
-
0
-
0
-
ns
(Notes 1, 3)
(19)
TEHAX
Address Hold Time
0
-
0
-
0
-
ns
(Notes 1, 3)
(20)
TAVEH
Address Valid to End of Write
55
-
65
-
65
-
ns
(Notes 1, 3)
(21)
TELEH
Enable Pulse Width
55
-
65
-
65
-
ns
(Notes 1, 3)
(22)
TWLEH
Write Enable Pulse Setup
Time
40
-
45
-
45
-
ns
(Notes 1, 3)
(23)
TDVEH
Chip Setup Time
30
-
35
-
35
0
ns
(Notes 1, 3)
(24)
TEHDX
Data Hold Time
0
-
0
-
0
-
ns
(Notes 1, 3)
NOTES:
1. Input pulse levels: 0 to 3.0V; Input rise and fall times: 5ns (max); Input and output timing reference level: 1.5V; Output load: 1 TTL gate
equivalent and CL = 50pF (min) - for CL greater than 50pF, access time is derated by 0.15ns per pF.
2. Tested at initial design and after major design changes.
3. VCC = 4.5 and 5.5V.
HM-65262


Similar Part No. - 8413203YA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
8413203YA INTERSIL-8413203YA Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
More results

Similar Description - 8413203YA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
   16K x 1 Asynchronous CMOS Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
   16K CMOS STATIC RAM
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com