Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1520 Datasheet(PDF) 7 Page - YOBON TECHNOLOGIES,INC.

Part # YB1520
Description  Step-up DC-DC Converter, White LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1520 Datasheet(HTML) 7 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1520 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1520 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1520 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1520 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1520 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1520 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1520 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1520 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1520 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
YB1520
Step-up DC-DC Converter, White LED Driver
YB1520 Rev.1.4
www.yobon.com.tw
7
Function Block
Figure 3: YB1520 Block Diagram
Operation
The YB1520 uses a constant frequency,
current mode control scheme to regulate
the output LED current. Its operation can
be understood by referring to the block
diagram in Figure 3. At the start of each
oscillator cycle, a voltage proportional to
the switch current is added to a ramp
output and the resulting sum is fed into the
positive terminal of the PWM comparator.
When this voltage exceeds the level of the
comparator negative input, the peak current
has been reached, and the SR latch is
reset and turns off the power switch. The
voltage at the negative input of the
comparator comes from the output of the
error amplifier. The error amplifier sets the
correct peak current level to keep the
output in regulation. If the error amplifier’s
output increases, more current is delivered
to the output; if it decreases, less current is
delivered.
Application Information
Inrush Current
The maximum switch current is limited to
about 450mA by the chip. Typically, a larger
COUT will increase the duration of high
current.
However, when VIN is first
connected, an even larger current can flow
into COUT. This occurs when the SW pin is
open circuit and the COUT voltage changes
from 0V to VIN in a few microseconds.
Because the duration of this large current is
short, it will usually not cause problems. If
this current is not desirable, an external
soft-start
circuit
can
be
added
to
significantly reduce this inrush current.
LED Current and Dimming Control
The LED’s current is set by a resistor
connected at FB pin to GND using:
The maximum LED current set initially can
LED
LED
R
mV
I
200
=


Similar Part No. - YB1520

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1521 YOBON-YB1521 Datasheet
701Kb / 9P
   High Power Step-Up DC-DC Converter & WLED Driver
YB1521ST25 YOBON-YB1521ST25 Datasheet
701Kb / 9P
   High Power Step-Up DC-DC Converter & WLED Driver
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1522ST25 YOBON-YB1522ST25 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
More results

Similar Description - YB1520

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
logo
Taiwan Semiconductor Co...
TS1518 TSC-TS1518 Datasheet
355Kb / 7P
   Step-Up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com