Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1230ST23X220 Datasheet(PDF) 5 Page - YOBON TECHNOLOGIES,INC.

Part # YB1230ST23X220
Description  600mA, Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1230ST23X220 Datasheet(HTML) 5 Page - YOBON TECHNOLOGIES,INC.

  YB1230ST23X220 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1230ST23X220 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1230ST23X220 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1230ST23X220 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1230ST23X220 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1230ST23X220 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1230ST23X220 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1230ST23X220 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1230ST23X220 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
YB1230
600mA, Low-Noise LDO Regulator
YB1230 Rev.1.6
www.yobon.com.tw
5
Dropout Voltage vs. Output Voltage
Dropout Voltage vs. Load Current
Ground Current vs. Input Voltage
Dropout Voltage vs. Temperature
Load Transient Response (1)
Load Transient Response (2)
Typical Performance Characteristics
VIN = ( VOUT + 1V ), CIN = COUT = 2.2μF, VEN = VIN, TA=25°C, unless otherwise noted.


Similar Part No. - YB1230ST23X220

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1230ST23X220 YOBON-YB1230ST23X220 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
More results

Similar Description - YB1230ST23X220

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3986H POWER-LP3986H Datasheet
514Kb / 6P
   600mA,Ultra-low Noise LDO Regulator
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005 Datasheet
362Kb / 7P
   600mA Low Noise CMOS LDO
TS9005 TSC-TS9005_08 Datasheet
129Kb / 7P
   600mA Low Noise CMOS LDO
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
logo
AiT Semiconductor Inc.
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
   600mA High PSRR, Low Noise, LDO Regulators
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com