Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1230ST8RX230 Datasheet(PDF) 8 Page - YOBON TECHNOLOGIES,INC.

Part # YB1230ST8RX230
Description  600mA, Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1230ST8RX230 Datasheet(HTML) 8 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1230ST8RX230 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX230 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX230 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX230 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX230 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX230 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX230 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX230 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX230 Datasheet HTML 11Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
YB1230
600mA, Low-Noise LDO Regulator
YB1230 Rev.1.6
www.yobon.com.tw
8
including low operating power and longer
battery life. The YB1230 consumes only
90µA of quiescent current under most
conditions.
Output Short-Circuit Current Limit
The YB1230 includes a current limiter,
which monitors and controls the pass
transistor’s gate voltage, limiting the output
current to about 380mA, for example, in a
short-circuit output situation.
Shutdown
The YB1230 also features a low-power
active shutdown mode. It has a switch that
turns off the device when disabled. This
allows the output capacitor and load to
discharge and de-energize the load. In the
shutdown mode, the internal functional
blocks, such as voltage reference and the
error amplifier, are turned off completely,
and the quiescent current is less than 1µA.
Thermal Protection Shutdown
The thermal protection shutdown function
protects the device from operating in over
temperature condition. When the junction
temperature exceeds +160°C, the thermal
sensor signals the shutdown logic, turning
off the pass transistor and allowing the IC
to cool down. The thermal sensor turns the
pass transistor on again after the IC’s
junction temperature drops to +140°C.
Soft-Start Circuitry
The YB1230 includes a soft-start circuitry to
limit inrush current at turn-on. During power
up, the output capacitor and output load are
charged with a reduced output current.
Shortly after the initial power up, the
soft-start feature is terminated and normal
operation is resumed.
Application Information
Enable/Shutdown
The YB1230 comes with an active-high
enable pin that allows the regulator to be
enabled. Forcing the enable pin low
disables the regulator and puts it into the
shutdown mode. This pin cannot be left
floating as it may cause an undetermined
state.
Input/Output Capacitor
It is recommended to use a 2.2µF capacitor
on the YB1230 input and a 2.2µF capacitor
on
the
output.
For
high
regulation
performance, larger input capacitor values
and lower ESRs provide better noise
rejection and line-transient response. The
output noise, load-transient response,
stability, and power-supply rejection can be
improved by using large output capacitors.
Low ESR ceramic capacitors provide
optimal performance and save space.


Similar Part No. - YB1230ST8RX230

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1230ST8RX230 YOBON-YB1230ST8RX230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
More results

Similar Description - YB1230ST8RX230

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3986H POWER-LP3986H Datasheet
514Kb / 6P
   600mA,Ultra-low Noise LDO Regulator
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005 Datasheet
362Kb / 7P
   600mA Low Noise CMOS LDO
TS9005 TSC-TS9005_08 Datasheet
129Kb / 7P
   600mA Low Noise CMOS LDO
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
logo
AiT Semiconductor Inc.
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
   600mA High PSRR, Low Noise, LDO Regulators
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com