Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP8115CN Datasheet(PDF) 1 Page - Intersil Corporation

Part # HMP8115CN
Description  NTSC/PAL Video Decoder
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8115CN Datasheet(HTML) 1 Page - Intersil Corporation

  HMP8115CN Datasheet HTML 1Page - Intersil Corporation HMP8115CN Datasheet HTML 2Page - Intersil Corporation HMP8115CN Datasheet HTML 3Page - Intersil Corporation HMP8115CN Datasheet HTML 4Page - Intersil Corporation HMP8115CN Datasheet HTML 5Page - Intersil Corporation HMP8115CN Datasheet HTML 6Page - Intersil Corporation HMP8115CN Datasheet HTML 7Page - Intersil Corporation HMP8115CN Datasheet HTML 8Page - Intersil Corporation HMP8115CN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
April 1998
HMP8115
NTSC/PAL Video Decoder
Features
• (M) NTSC and (B, D, G, H, I, M, N, NC) PAL Operation
- Optional Auto Detect of Video Standard
- ITU-R BT.601 (CCIR601) and Square Pixel Operation
• Digital Output Formats
- VMI Compatible
- 8-Bit, 16-Bit 4:2:2 YCbCr
- 15-Bit (5,5,5), 16-Bit (5,6,5) RGB
- Linear or Gamma-Corrected
- 8-Bit BT.656
• Analog Input Formats
- Three Analog Composite Inputs
- Analog Y/C (S-Video) Input
• “Sliced” VBI Data Capture Capabilities
- Closed Captioning
- Widescreen Signalling (WSS)
- BT.653 System B, C and D Teletext
- NABTS (North American Broadcast Teletext)
- WST (World System Teletext)
• 2-Line (1H) Comb Filter Y/C Separator
• Fast I2C Interface
• Two 8-Bit ADCs
Applications
• Multimedia PCs
• Video Conferencing
• Video Compression Systems
• Video Security Systems
• LCD Projectors and Overhead Panels
• Related Products
- NTSC/PAL Encoders: HMP815x, HMP817x
- NTSC/PAL Decoders: HMP8112A
• Related Literature
- AN9644: Composite Video Separation Techniques
- AN9716: Widescreen Signalling
- AN9717: YCbCr to RGB Considerations
- AN9728: BT.656 Video Interface for ICs
- AN9738: VMI Video Interface for ICs
Description
The HMP8115 is a high quality NTSC and PAL decoder with
internal A/D converters. It is compatible with NTSC M, PAL
B, D, G, H, I, M, N, and combination N (NC) video standards.
Both composite and S-video (Y/C) input formats are sup-
ported. A 2-line comb filter plus a user-selectable chromi-
nance trap filter provide high quality Y/C separation. User
adjustments include brightness, contrast, saturation, hue,
and sharpness.
Data during the vertical blanking interval (VBI), such as
closed captioning, widescreen signalling and teletext, may
be captured and output as BT.656 ancillary data. Closed
captioning and widescreen signalling information may also
be read out via the I2C interface.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HMP8115CN
0 to 70
80 Ld PQFP
Q80.14x20
HMPVIDEVAL/ISA
Evaluation Board: ISA Frame Grabber
NOTES:
1. PQFP is also known as QFP and MQFP.
2. Evaluation Board and Reference Design descriptions are in the
Applications section.
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
File Number
4283.5


Similar Part No. - HMP8115CN

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
HMP8112ACN HARRIS-HMP8112ACN Datasheet
719Kb / 40P
   NTSC/PAL Video Decoder
HMP8112CN HARRIS-HMP8112CN Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
HMP8112EVAL2 HARRIS-HMP8112EVAL2 Datasheet
719Kb / 40P
   NTSC/PAL Video Decoder
HMP8112EVAL2 HARRIS-HMP8112EVAL2 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
More results

Similar Description - HMP8115CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
   NTSC/PAL Video Decoder
logo
Renesas Technology Corp
HMP8117 RENESAS-HMP8117 Datasheet
1Mb / 45P
   NTSC/PAL Video Decoder
July 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com