Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1230ST89X310 Datasheet(PDF) 4 Page - YOBON TECHNOLOGIES,INC.

Part # YB1230ST89X310
Description  600mA, Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1230ST89X310 Datasheet(HTML) 4 Page - YOBON TECHNOLOGIES,INC.

  YB1230ST89X310 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1230ST89X310 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1230ST89X310 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1230ST89X310 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1230ST89X310 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1230ST89X310 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1230ST89X310 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1230ST89X310 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1230ST89X310 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
YB1230
600mA, Low-Noise LDO Regulator
YB1230 Rev.1.6
www.yobon.com.tw
4
Electrical Characteristics
Table 2
VIN = ( VOUT + 1V ), CIN = COUT = 2.2μF, VEN = VIN, TA=25°C, unless otherwise noted.
Description
Symbol
Test Conditions
MIN
TYP
MAX
Units
Input Voltage Range
VIN
2.0
5.5
V
Output Voltage
VOUT
Predefined
1.8
3.1
V
Output Voltage Accuracy
ΔVOUT
IOUT = 10mA
-2.0
+2.0
%
Output Current Limit
ISC
Short-Circuit Output
380
mA
VOUT = 3.2V, IOUT = 600mA
500
VOUT = 3.0V, IOUT = 600mA
520
VOUT = 2.5V, IOUT = 600mA
600
VOUT = 2.0V, IOUT = 600mA
750
Dropout Voltage (Note 1)
VDROP
VOUT = 1.8V, IOUT = 600mA
850
mV
Ground Current
IG
Iground = IIN - IOUT
90
150
μA
Line Regulation
ΔVLINE
VIN=(VOUT+1V) to 5.5V, IOUT=10mA
0.3
%/V
Load Regulation
ΔVLOAD
IOUT = 1mA to 600mA
2
%
Shutdown Supply Current
ISD
EN = 0V
1
μA
f = 100Hz, IOUT = 10mA
56
f = 1KHz, IOUT = 10mA
56
Ripple Rejection (PSRR)
PSRR
f = 10KHz, IOUT = 10mA
45
dB
Shutdown Exit Delay (Note 2)
VOUT = 2.8V, Rload = 9 ohm
40
100
μs
EN Logic Low Level
VIL
VIN = 2.0V to 5.5V
0.4
V
EN Logic High Level
VIH
VIN = 2.0V to 5.5V
1.5
VIN
V
EN Input Bias Current
IBEN
VIN = EN = VOUT +1V
0.01
μA
Thermal Shutdown
TSD
Shutdown Temperature
160
°C
Thermal Hysteresis
THYS
VOUT = 1.8V, IOUT = 100mA
20
°C
Note :
1. The drop out voltage varies depending on output voltage selection. Dropout is defined as VIN – VOUT when
VOUT is 100mV below nominal VOUT where VIN = VOUT + 1V for nominal VOUT.
2. Time needed for VOUT to reach 90% of final value.


Similar Part No. - YB1230ST89X310

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1230ST89X310 YOBON-YB1230ST89X310 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
More results

Similar Description - YB1230ST89X310

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3986H POWER-LP3986H Datasheet
514Kb / 6P
   600mA,Ultra-low Noise LDO Regulator
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
   600mA CMOS Low Power Low Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005 Datasheet
362Kb / 7P
   600mA Low Noise CMOS LDO
TS9005 TSC-TS9005_08 Datasheet
129Kb / 7P
   600mA Low Noise CMOS LDO
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
logo
AiT Semiconductor Inc.
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
   600mA High PSRR, Low Noise, LDO Regulators
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com