Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8869002LA Datasheet(PDF) 6 Page - Intersil Corporation

Part # 5962-8869002LA
Description  512 x 8 CMOS PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-8869002LA Datasheet(HTML) 6 Page - Intersil Corporation

  5962-8869002LA Datasheet HTML 1Page - Intersil Corporation 5962-8869002LA Datasheet HTML 2Page - Intersil Corporation 5962-8869002LA Datasheet HTML 3Page - Intersil Corporation 5962-8869002LA Datasheet HTML 4Page - Intersil Corporation 5962-8869002LA Datasheet HTML 5Page - Intersil Corporation 5962-8869002LA Datasheet HTML 6Page - Intersil Corporation 5962-8869002LA Datasheet HTML 7Page - Intersil Corporation 5962-8869002LA Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6-6
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC +0.3V
Typical Derating Factor . . . . . . . . . . . . 5mA/MHz Increase in ICCOP
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
HM-6642B-9, HM-6642-9 . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Thermal Resistance
θJA
θJC
SBDIP Package . . . . . . . . . . . . . . . . . .
52oC/W
14oC/W
Slim SBDIP . . . . . . . . . . . . . . . . . . . . .
70oC/W
19oC/W
CLCC Package . . . . . . . . . . . . . . . . . .
58oC/W
14oC/W
Maximum Storage Temperature Range . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +175oC
Maximum Lead Temperature (Soldering 10s)+300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1680 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VCC = 5V ± 10%; TA = -40
oC to +85oC (HM-6642B-9, HM-6642-9)
SYMBOL
PARAMETER
LIMITS
UNITS
TEST CONDITIONS
MIN
MAX
ICCSB
Standby Supply Current
-
100
µA
IO = 0, VI = VCC or GND, VCC = 5.5V
ICCOP
Operating Supply Current (Note 3)
-
20
mA
f = 1MHz, IO = 0, VI = VCC or GND, VCC = 5.5V
II
Input Leakage Current
-1.0
+1.0
µA
GND
≤ VI ≤ VCC, VCC = 5.5V
IOZ
Output Leakage Current
-1.0
+1.0
µA
GND
≤ VO ≤ VCC, VCC = 5.5V
VIL
Input Low Voltage
-0.3
0.8
V
VCC = 4.5V
VIH
Input High Voltage
2.4
VCC + 0.3
V
VCC = 5.5V
VOL
Output Low Voltage
-
0.4
V
IOL = 3.2mA, VCC = 4.5V
VOH1
Output High Voltage
2.4
-
V
IOH = -1.0mA, VCC = 4.5V
VOH2
Output High Voltage (Note 2)
VCC - 1.0
-
V
IOH = -100
µA, VCC = 4.5V
AC Electrical Specifications
SYMBOL
PARAMETER
LIMITS
UNITS
TEST
CONDITIONS
HM-6642B-9
HM-6642-9
MIN
MAX
MIN
MAX
(1) TELQV
Chip Enable Access Time
-
120
-
200
ns
Notes 1, 4
(2) TAVQV
Address Access Time
(TAVQV = TELQV + TAVEL)
-
140
-
220
ns
Notes 1, 4
(3) TGVQV
Output Enable Access Time
-
50
-
150
ns
Notes 1, 4
(4) TGVQX
Output Enable Time
5
50
5
150
ns
Notes 2, 4
(5) TGXQZ
Output Disable Time
-
50
-
150
ns
Notes 2, 4
(6) TELEH
Chip Enable Pulse Negative Width
120
-
200
-
ns
Notes 1, 4
(7) TELEL
Read Cycle Time
160
-
350
-
ns
Notes 1, 4
(8) TEHEL
Chip Enable Pulse Positive Width
40
-
150
-
ns
Notes 1, 4
(9) TAVEL
Address Setup Time
20
-
20
-
ns
Notes 1, 4
(10) TELAX
Address Hold Time
25
-
60
-
ns
Notes 1, 4
HM-6642


Similar Part No. - 5962-8869002LA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-88691012A TI-5962-88691012A Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
5962-88691012A TI-5962-88691012A Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
5962-88691012A TI1-5962-88691012A Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
5962-8869101RA TI-5962-8869101RA Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
5962-8869101RA TI-5962-8869101RA Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results

Similar Description - 5962-8869002LA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
logo
National Semiconductor ...
DM74S473 NSC-DM74S473 Datasheet
104Kb / 6P
   (512 x 8) 4096-Bit TTL PROM
November 1990
DM54S472 NSC-DM54S472 Datasheet
76Kb / 4P
   (512 x 8) 4096-Bit TTL PROM
DM74S475 NSC-DM74S475 Datasheet
232Kb / 4P
   512 x 8 4096-Bit TTL PROM
logo
Intel Corporation
M3604A INTEL-M3604A Datasheet
151Kb / 2P
   4K(512 x 8) HIGH-SPEED PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com