Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1210ST89R320 Datasheet(PDF) 9 Page - YOBON TECHNOLOGIES,INC.

Part # YB1210ST89R320
Description  300mA, Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST89R320 Datasheet(HTML) 9 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1210ST89R320 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST89R320 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST89R320 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST89R320 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST89R320 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST89R320 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1210ST89R320 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. YB1210ST89R320 Datasheet HTML 11Page - YOBON TECHNOLOGIES,INC. YB1210ST89R320 Datasheet HTML 12Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
YB1210R
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R Rev.1.6
www.yobon.com.tw
9
Internal P-Channel Pass Transistor
The YB1210R features a low impedance
P-channel MOSFET pass transistor. This
provides several advantages over similar
designs using a PNP pass transistor,
including low operating power and longer
battery life. The YB1210R consumes only
60µA of quiescent current under most
conditions.
Output Short-Circuit Current Limit
The YB1210R includes a current limiter,
which monitors and controls the pass
transistor’s gate voltage, limiting the output
current to about 200mA, for example, in a
short-circuit output situation.
Shutdown
The YB1210R also features a low-power
active shutdown mode. It has a switch that
turns off the device when disabled. This
allows the output capacitor and load to
discharge and de-energize the load. In the
shutdown mode, the internal functional
blocks, such as voltage reference and the
error amplifier, are turned off completely,
and the quiescent current is less than 1µA.
Thermal Protection Shutdown
The thermal protection shutdown function
protects the device from operating in over
temperature condition. When the junction
temperature exceeds +160°C, the thermal
sensor signals the shutdown logic, turning
off the pass transistor and allowing the IC
to cool down. The thermal sensor turns the
pass transistor on again after the IC’s
junction temperature drops to +140°C.
Auto-Discharge Circuitry
The YB1210R deploys a NMOS connecting
between VOUT and ground. When EN pin is
pulled low, the NMOS is activated by an
inverted signal from EN. The charge kept
on output capacitor is discharged quickly
through the NMOS. It prevents the system
from abnormal operation at the beginning
of shutdown mode.
Soft-Start Circuitry
The YB1210R includes a soft-start circuitry
to limit inrush current at turn-on. During
power up, the output capacitor and output
load are charged with a reduced output
current. Shortly after the initial power up,
the soft-start feature is terminated and
normal operation is resumed.
Application Information
Enable/Shutdown
The YB1210R comes with an active-high
enable pin that allows the regulator to be
enabled. Forcing the enable pin low
disables the regulator and puts it into the
shutdown mode. This pin cannot be left
floating as it may cause an undetermined
state.
Input/Output Capacitor
It is recommended to use a 1.0µF capacitor
on the YB1210R input and a 1.0µF
capacitor on the output. For high regulation
performance, larger input capacitor values
and lower ESRs provide better noise
rejection and line-transient response. The
output noise, load-transient response,
stability, and power-supply rejection can be
improved by using large output capacitors.
Low ESR ceramic capacitors provide
optimal performance and save space.


Similar Part No. - YB1210ST89R320

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210ST89S-1.8G YOBON-YB1210ST89S-1.8G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89S-2.5G YOBON-YB1210ST89S-2.5G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89S-2.6G YOBON-YB1210ST89S-2.6G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89S-2.8G YOBON-YB1210ST89S-2.8G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89S-3.0G YOBON-YB1210ST89S-3.0G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1210ST89R320

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com