Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1210ST25R360 Datasheet(PDF) 1 Page - YOBON TECHNOLOGIES,INC.

Part # YB1210ST25R360
Description  300mA, Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST25R360 Datasheet(HTML) 1 Page - YOBON TECHNOLOGIES,INC.

  YB1210ST25R360 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1210ST25R360 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1210ST25R360 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1210ST25R360 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST25R360 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST25R360 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST25R360 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST25R360 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST25R360 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
YB1210R
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R Rev.1.6
www.yobon.com.tw
1
Description
The YB1210R is a series of ultra-low-noise,
low dropout (LDO) linear regulators with
2.0%
output
voltage
accuracy.
The
YB1210R regulators achieve a low 320mV
dropout at 300mA load current of 3.3V
output and are available in voltages
ranging from 1.2V to 3.6V with 0.1 V per
step (custom voltage is considerable at
request).
The YB1210R regulators are optimized to
work with low-ESR and low cost ceramic
capacitors, reducing the amount of board
space critical in portable devices. The
YB1210R requires only 1.0μF output
capacitor for stability with any load and
consumes less than 1μA in shutdown
mode.
Built-in thermal shutdown and short-circuit
protect offer secure protection against fault
operation. The YB1210R regulators are
available in SOT-23 / SOT-25 / SOT-89
packages.
Features
High Accuracy Output Voltage : ± 2%
Wide Output Voltage Range : 1.2 ~ 3.6V
Ultra-Low-Noise Low-Drop-Out
Typical Output Current : 300 mA
Low Quiescent Current: ~60μA
320mV Dropout at 300mA 3.3V Output
Stable with 1.0μF Ceramic Capacitor
Only Need Input and Output Capacitors
Thermal Protection Shutdown
Output Short-Circuit Current Limit
Built-In Internal Soft-Start
Green Package (RoHS) Available
Applications
PDA, Notebook, PC Computers
DSC, Handset Camera Modules
PCMCIA Cards, PC Cameras
USB Based Portable Devices
GSM/GPRS/3G RF Transceiver
Wireless LANs
Bluetooth Portable Radios
Battery-Powered Devices
Typical Application Circuit
Figure 1-1: SOT-25 Application Circuit
Figure 1-2: SOT-23/SOT-89 Application Circuit


Similar Part No. - YB1210ST25R360

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210ST25S-1.8G YOBON-YB1210ST25S-1.8G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST25S-2.5G YOBON-YB1210ST25S-2.5G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST25S-2.6G YOBON-YB1210ST25S-2.6G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST25S-2.8G YOBON-YB1210ST25S-2.8G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST25S-3.0G YOBON-YB1210ST25S-3.0G Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1210ST25R360

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com