Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG758 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG758
Description  4-/8-Channel Multiplexers in Chip Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG758 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG758_15 Datasheet HTML 2Page - Analog Devices ADG758_15 Datasheet HTML 3Page - Analog Devices ADG758_15 Datasheet HTML 4Page - Analog Devices ADG758_15 Datasheet HTML 5Page - Analog Devices ADG758_15 Datasheet HTML 6Page - Analog Devices ADG758_15 Datasheet HTML 7Page - Analog Devices ADG758_15 Datasheet HTML 8Page - Analog Devices ADG758_15 Datasheet HTML 9Page - Analog Devices ADG758_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADG758/ADG759
–6–
REV.
VDD
Most Positive Power Supply Potential
VSS
Most Negative Power Supply in a dual-supply application. In single-supply applications, this should be tied to
ground at the device.
GND
Ground (0 V) Reference
S
Source Terminal. May be an input or output.
DDrain Terminal. May be an input or output.
IN
Logic Control Input
RON
Ohmic Resistance between D and S
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of ON resistance as measured over
the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch OFF
ID (OFF)
Drain leakage Current with the Switch OFF
ID, IS (ON)
Channel Leakage current with the Switch ON
VD (VS)Analog Voltage on Terminals D, S
CS (OFF)
OFF Switch Source Capacitance. Measured with reference to ground.
CD (OFF)
OFF Switch Drain Capacitance. Measured with reference to ground.
CD, CS (ON)
ON Switch Capacitance. Measured with reference to ground.
CIN
Digital Input Capacitance
tTRANSITION
Delay Time measured between the 50% and 90% points of the digital inputs and the switch ON condition when
switching from one address state to another.
tON (EN)
Delay Time between the 50% and 90% points of the EN digital input and the switch ON condition.
tOFF (EN)
Delay Time between the 50% and 90% points of the EN digital input and the switch OFF condition.
tOPEN
OFF Time measured between the 80% points of both switches when switching from one address state to another.
Off Isolation
A measure of unwanted signal coupling through an OFF switch.
Crosstalk
A measure of unwanted signal which is coupled through from one channel to another as a result of parasitic capacitance.
Charge
A measure of the glitch impulse transferred from the digital input to the analog output during switching.
Injection
On Response
The Frequency Response of the ON Switch.
On Loss
The Loss Due to the ON Resistance of the Switch
VINL
Maximum Input Voltage for Logic “0”
VINH
Minimum Input Voltage for Logic “1”
IINL (IINH)
Input Current of the Digital Input
IDD
Positive Supply Current
ISS
Negative Supply Current
TERMINOLOGY
B


Similar Part No. - ADG758_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG758BCP AD-ADG758BCP Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
ADG758BCPZ AD-ADG758BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758BCPZ-REEL7 AD-ADG758BCPZ-REEL7 Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
More results

Similar Description - ADG758_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758 Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com