Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG783 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG783
Description  Quad SPST Switches in Chip Scale Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG783 Datasheet(HTML) 9 Page - Analog Devices

  ADG783_15 Datasheet HTML 1Page - Analog Devices ADG783_15 Datasheet HTML 2Page - Analog Devices ADG783_15 Datasheet HTML 3Page - Analog Devices ADG783_15 Datasheet HTML 4Page - Analog Devices ADG783_15 Datasheet HTML 5Page - Analog Devices ADG783_15 Datasheet HTML 6Page - Analog Devices ADG783_15 Datasheet HTML 7Page - Analog Devices ADG783_15 Datasheet HTML 8Page - Analog Devices ADG783_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ADG781/ADG782/ADG783
REV. C
–9–
OUTLINE DIMENSIONS
Figure 2. 20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm Body, Very Very Thin Quad
(CP-20-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADG781BCPZ
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG781BCPZ-REEL7
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG782BCPZ
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG782BCPZ-REEL7
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG783BCPZ
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG783BCPZ-REEL
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADG783BCPZ-REEL7
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
1 Z = RoHS Compliant Part.
REVISION HISTORY
2/13—Rev. B to Rev. C
Changed Pin 4 from S3 to S4 ...........................................................4
Changes to Test Circuit 1 .................................................................7
Changes to Ordering Guide.............................................................9
8/12—Rev. A to Rev. B
Updated Outline Dimensions..........................................................9
Changes to Ordering Guide.............................................................9
3/02—Rev. 0 to Rev. A
Edits to Typical Performance Characteristics ........................... 5-6
Changes to OUTLINE DIMENSIONS drawing ...........................8
0.50
BSC
0.65
0.60
0.55
0.30
0.25
0.18
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD-1.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
2.30
2.10 SQ
2.00
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
20
6
10
11
15
16
5
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02372-0-2/13(C)


Similar Part No. - ADG783_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG783BCP AD-ADG783BCP Datasheet
169Kb / 8P
   2.5 ohm Quad SPST Switches in Chip Scale Package
REV. A
More results

Similar Description - ADG783_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG782 AD-ADG782_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG781 AD-ADG781_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG781 AD-ADG781 Datasheet
169Kb / 8P
   2.5 ohm Quad SPST Switches in Chip Scale Package
REV. A
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
Maxim Integrated Produc...
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201AKR-REEL7 AD-ADG201AKR-REEL7 Datasheet
233Kb / 6P
   LCMOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com