Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG784 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG784
Description  CMOS 3 V/5 V, Wide Bandwidth Quad
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG784 Datasheet(HTML) 2 Page - Analog Devices

  ADG784_15 Datasheet HTML 1Page - Analog Devices ADG784_15 Datasheet HTML 2Page - Analog Devices ADG784_15 Datasheet HTML 3Page - Analog Devices ADG784_15 Datasheet HTML 4Page - Analog Devices ADG784_15 Datasheet HTML 5Page - Analog Devices ADG784_15 Datasheet HTML 6Page - Analog Devices ADG784_15 Datasheet HTML 7Page - Analog Devices ADG784_15 Datasheet HTML 8Page - Analog Devices ADG784_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
–2–
ADG784–SPECIFICATIONS
B Version
TMIN to
Parameter
25 CTMAX
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
2.2
Ω typ
VD = 0 V to VDD, IS = –10 mA
5
Ω max
On Resistance Match Between
Channels (
ΔRON)
0.15
Ω typ
VD = 0 V to VDD, IS = –10 mA
0.5
Ω max
On Resistance Flatness (RFLAT(ON))
0.5
Ω typ
VD = 0 V to VDD; IS = –10 mA
1
Ω max
LEAKAGE CURRENTS
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD = 4.5 V, VS = 1 V; VD = 1 V, VS = 4.5 V;
±0.5
±1
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VD = 4.5 V, VS = 1 V; VD = 1 V, VS = 4.5 V;
±0.5
±1
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VD = VS = 4.5 V; VD = VS = 1 V; Test Circuit 3
±0.5
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.001
μA typ
VIN = VINL or VINH
±0.5
μA max
DYNAMIC CHARACTERISTICS
2
tON
10
ns typ
RL = 100
Ω, C
L = 35 pF,
20
ns max
VS = 3 V; Test Circuit 4
tOFF
4
ns typ
RL = 100
Ω, CL = 35 pF,
8
ns max
VS = 3 V; Test Circuit 4
Break-Before-Make Time Delay, tD
5
ns typ
RL = 100
Ω, CL = 35 pF,
1
ns min
VS1 = VS2 = 5 V; Test Circuit 5
Off Isolation
–65
dB typ
RL = 100
Ω, f = 10 MHz; Test Circuit 7
Channel-to-Channel Crosstalk
–75
dB typ
RL = 100
Ω, f = 10 MHz; Test Circuit 8
Bandwidth –3 dB
240
MHz typ
RL = 100
Ω; Test Circuit 6
Distortion
0.5
% typ
RL = 100
Ω
Charge Injection
10
pC typ
CL = 1 nF; Test Circuit 9
CS (OFF)
10
pF typ
f = 1 kHz
CD (OFF)
20
pF typ
f = 1 kHz
CD, CS (ON)
30
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
Digital Inputs = 0 V or VDD
IDD
1
μA max
0.001
μA typ
IIN
1
μA typ
VIN = 5 V
IO
100
mA max
VS/VD = 0 V
NOTES
1Temperature ranges are as follows: B Version, –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = 5 V
10%, GND = 0 V. All specifications TMIN to TMAX unless otherwise noted.)
SINGLE SUPPLY
REV. A


Similar Part No. - ADG784_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG784BCP AD-ADG784BCP Datasheet
131Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. 0
ADG784BCPZ AD-ADG784BCPZ Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG784BCPZ-REEL AD-ADG784BCPZ-REEL Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG784BCPZ-REEL7 AD-ADG784BCPZ-REEL7 Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
More results

Similar Description - ADG784_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
ADG784 AD-ADG784 Datasheet
131Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. 0
ADG784BCPZ AD-ADG784BCPZ Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG633 AD-ADG633 Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com