Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP8171CN Datasheet(PDF) 1 Page - Intersil Corporation

Part # HMP8171CN
Description  NTSC/PAL Video Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8171CN Datasheet(HTML) 1 Page - Intersil Corporation

  HMP8171CN Datasheet HTML 1Page - Intersil Corporation HMP8171CN Datasheet HTML 2Page - Intersil Corporation HMP8171CN Datasheet HTML 3Page - Intersil Corporation HMP8171CN Datasheet HTML 4Page - Intersil Corporation HMP8171CN Datasheet HTML 5Page - Intersil Corporation HMP8171CN Datasheet HTML 6Page - Intersil Corporation HMP8171CN Datasheet HTML 7Page - Intersil Corporation HMP8171CN Datasheet HTML 8Page - Intersil Corporation HMP8171CN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
File Number
4284.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Intercast™ is a trademark of Intel Corporation.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HMP8170, HMP8171, HMP8172, HMP8173
NTSC/PAL Video Encoder
The HMP8170, HMP8171, HMP8172, and HMP8173 NTSC
and PAL encoders are designed for use in systems requiring
the generation of high-quality NTSC and PAL video.
YCbCr digital video data drive the P0-P15 inputs. The Y data
is optionally lowpass filtered to 6MHz and drives the Y analog
output. Cb and Cr are each lowpass filtered to 1.3MHz,
quadrature modulated, and added together. The result drives
the C analog output. The digital Y and C data are also added
together and drive the two composite analog outputs.
The DACs can drive doubly-terminated (37.5
Ω) lines, and
run at a 2x oversampling rate to simplify the analog output
filter requirements.
Applications
• DVD Players
• Video CD Players
• Digital VCRs
• Multimedia PCs
Related Products
• NTSC/PAL Encoders
- HMP8154, HMP8156A
• NTSC/PAL Decoders
- HMP8115
Features
• (M) NTSC and (B, D, G, H, I, M, N, NC) PAL Operation
• BT.601 and Square Pixel Operation
• Digital Input Formats
- 8-bit, 16-bit 4:2:2 YCbCr
- 8-bit BT.656
• Analog Output Formats
- Y/C + Two Composite
- RGB + Composite
- YUV + Composite
• Flexible Video Timing Control
- Timing Master or Slave
- Selectable Polarity on Each Control Signal
- Programmable Blank Output Timing
• “Sliced” VBI Data Support
- Closed Captioning
- Widescreen Signalling (WSS)
- BT.653 System B and C Teletext
-
NABTS (North American Broadcast Teletext)
-
WST (World System Teletext)
• Four 2x Oversampling, 10-Bit DACs
• Fast I2C Interface
Ordering Information
PART NUMBER
MACROVISION
v7.01
RGB / YUV
OUTPUTS
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
HMP8170CN
no
no
0 to 70
64 Ld PQFP (Note 2)
Q64.14x14
HMP8171CN
(Note 1)
yes
no
0 to 70
64 Ld PQFP (Note 2)
Q64.14x14
HMP8172CN
no
yes
0 to 70
64 Ld PQFP (Note 2)
Q64.14x14
HMP8173CN
(Note 1)
yes
yes
0 to 70
64 Ld PQFP (Note 2)
Q64.14x14
HMP817xEVAL1
Daughter Card Evaluation Platform, where x is replaced by 0, 1, 2, or 3 (Note 3).
NOTES:
1. The HMP8171 and HMP8173 may be purchased by Macrovision Authorized Buyers only. These devices are protected by U.S. patent numbers
4,631,603, 4,577,216, and 4,819,098, and other intellectual property rights. The use of Macrovision’s copy protection technology in the devices
must be authorized by Macrovision and is intended for home and other limited pay-per-view uses only, unless otherwise authorized in writing
by Macrovision. Reverse engineering or disassembly is prohibited.
2. PQFP is also known as QFP and MQFP.
3. Evaluation board descriptions are in the Applications section.
Data Sheet
May 1999


Similar Part No. - HMP8171CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
logo
Intersil Corporation
HMP8170CN INTERSIL-HMP8170CN Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170CN RENESAS-HMP8170CN Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
logo
Intersil Corporation
HMP8170EVAL1 INTERSIL-HMP8170EVAL1 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
More results

Similar Description - HMP8171CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com