Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2775GR Datasheet(PDF) 5 Page - NEC

Part # UPC2775GR
Description  FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2775GR Datasheet(HTML) 5 Page - NEC

  UPC2775GR Datasheet HTML 1Page - NEC UPC2775GR Datasheet HTML 2Page - NEC UPC2775GR Datasheet HTML 3Page - NEC UPC2775GR Datasheet HTML 4Page - NEC UPC2775GR Datasheet HTML 5Page - NEC UPC2775GR Datasheet HTML 6Page - NEC UPC2775GR Datasheet HTML 7Page - NEC UPC2775GR Datasheet HTML 8Page - NEC UPC2775GR Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
µPC2775GR/GS
5
Data Sheet P10194EJ3V0DS00
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
µPC2775GR
PARAMETER
SYMBOL
RATING
UNIT
TEST CONDITION
Supply voltage 1
VCC
11.0
V
Supply voltage 2
UB
11.0
V
Power dissipation
PD
500
mW
TA = 75 °CNote 1
Operating temperature range
TA
–40 to +75
°C
Storage temperature range
Tstg
–60 to +150
°C
µPC2775GS
PARAMETER
SYMBOL
RATING
UNIT
TEST CONDITION
Supply voltage 1
VCC
11.0
V
Supply voltage 2
UB
11.0
V
Power dissipation
PD
700
mW
TA = 80 °CNote 1
Operating temperature range
TA
–40 to +80
°C
Storage temperature range
Tstg
–60 to +150
°C
Note 1 Mounted on 50
× 50 × 1.6 mm double copper epoxy glass board.
RECOMMENDED OPERATING RANGE
µPC2775GR
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage 1
VCC
8.0
9.0
10.0
V
Supply voltage 2
UB
8.0
9.0
10.0
V
Operating temperature range
TA
–20
+25
+75
°C
µPC2775GS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage 1
VCC
8.0
9.0
10.0
V
Supply voltage 2
UB
8.0
9.0
10.0
V
Operating temperature range
TA
–20
+25
+80
°C


Similar Part No. - UPC2775GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2771T NEC-UPC2771T Datasheet
404Kb / 16P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2771T NEC-UPC2771T Datasheet
84Kb / 4P
   3V, 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC2771T RENESAS-UPC2771T Datasheet
395Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2771T RENESAS-UPC2771T Datasheet
332Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC2771T RENESAS-UPC2771T Datasheet
327Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Similar Description - UPC2775GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2797GR NEC-UPC2797GR Datasheet
143Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC2794GS NEC-UPC2794GS Datasheet
142Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
UPC3207GR NEC-UPC3207GR Datasheet
139Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com