Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPLU3103 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HPLU3103
Description  52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HPLU3103 Datasheet(HTML) 1 Page - Intersil Corporation

  HPLU3103 Datasheet HTML 1Page - Intersil Corporation HPLU3103 Datasheet HTML 2Page - Intersil Corporation HPLU3103 Datasheet HTML 3Page - Intersil Corporation HPLU3103 Datasheet HTML 4Page - Intersil Corporation HPLU3103 Datasheet HTML 5Page - Intersil Corporation HPLU3103 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6-3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HPLR3103, HPLU3103
52A, 30V, 0.019 Ohm, N-Channel Logic
Level, Power MOSFETs
These are N-Channel enhancement mode silicon gate
power field effect transistors. They are advanced power
MOSFETs designed, tested, and guaranteed to withstand a
specified level of energy in the breakdown avalanche mode
of operation. All of these power MOSFETs are designed for
applications such as switching regulators, switching
converters, motor drivers, relay drivers, and drivers for high
power bipolar switching transistors requiring high speed and
low gate drive power. These types can be operated directly
from integrated circuits.
Features
• Logic Level Gate Drive
• 52A†, 30V
• Low On-Resistance, rDS(ON) = 0.019Ω
• UIS Rating Curve
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Calculated continuous current based on maximum allowable junction
temperature. Package limited to 20A continuous, see Figure 9.
Symbol
Packaging
JEDEC TO-251AA
JEDEC TO-252AA
Ordering Information
PART NUMBER
PACKAGE
BRAND
HPLU3103
TO-251AA
HP3103
HPLR3103
TO-252AA
HP3103
NOTE: When ordering, use the entire part number. Add the suffix T
to obtain the TO-252AA variant in tape and reel, e.g., HPLR3103T.
D
G
S
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
DRAIN
(FLANGE)
GATE
SOURCE
Data Sheet
July 1999
File Number
4501.2


Similar Part No. - HPLU3103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HPLU3103 FAIRCHILD-HPLU3103 Datasheet
117Kb / 7P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
More results

Similar Description - HPLU3103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Suntac Electronic Corp.
S76121P SUNTAC-S76121P Datasheet
979Kb / 7P
   47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com