Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG791A Datasheet(PDF) 3 Page - Analog Devices

Part # ADG791A
Description  Wide Bandwidth, Quad, 2:1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG791A Datasheet(HTML) 3 Page - Analog Devices

  ADG791A_15 Datasheet HTML 1Page - Analog Devices ADG791A_15 Datasheet HTML 2Page - Analog Devices ADG791A_15 Datasheet HTML 3Page - Analog Devices ADG791A_15 Datasheet HTML 4Page - Analog Devices ADG791A_15 Datasheet HTML 5Page - Analog Devices ADG791A_15 Datasheet HTML 6Page - Analog Devices ADG791A_15 Datasheet HTML 7Page - Analog Devices ADG791A_15 Datasheet HTML 8Page - Analog Devices ADG791A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADG791A/ADG791G
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VDD = 5 V ± 10%, GND = 0 V, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ1
Max
Unit
ANALOG SWITCH
Analog Signal Range2
VS = VDD, RL = 1 MΩ
0
4
V
VS = VDD, RL = 75 Ω
0
3.3
V
On Resistance, RON
VD = 0 V, IDS = −10 mA, see Figure 22
2.6
3.5
Ω
VD = 0 V to 1 V, IDS = −10 mA, see Figure 22
4
Ω
On-Resistance Matching Between
Channels, ∆RON
VD = 0 V, IDS = −10 mA
0.15
0.5
Ω
VD = 1 V, IDS = −10 mA
0.6
Ω
On-Resistance Flatness, RFLAT (ON)
VD = 0 V to 1 V, IDS = −10 mA
0.3
0.55
Ω
LEAKAGE CURRENTS
Source OFF Leakage (IS (OFF))
VD = 4 V/1 V, VS = 1 V/4 V, see Figure 23
±0.25
nA
Drain OFF Leakage (ID (OFF))
VD = 4 V/1 V, VS = 1 V/4 V, see Figure 23
±0.25
nA
Channel ON Leakage (ID (ON), IS (ON))
VD = VS = 4 V/1 V, see Figure 24
±0.25
nA
DYNAMIC CHARACTERISTICS3
tON, tENABLE
CL = 35 pF, RL = 50 Ω, VS = 2 V, see Figure 28
186
250
ns
tOFF, tDISABLE
CL = 35 pF, RL = 50 Ω, VS = 2 V, see Figure 28
177
240
ns
Break-Before-Make Time Delay, tD
CL = 35 pF, RL = 50 Ω, VS1 = VS2 = 2 V, see Figure 29
1
3
ns
I2C to GPO Propagation Delay, tH, tL
(ADG791G only)
130
ns
Off Isolation
f = 10 MHz, RL = 50 Ω, see Figure 26
−60
dB
Channel-to-Channel Crosstalk
f = 10 MHz, RL = 50 Ω, see Figure 27
Same Multiplexer
−55
dB
Different Multiplexer
−70
dB
−3 dB Bandwidth
RL = 50 Ω, see Figure 25
325
MHz
THD + N
RL = 100 Ω
0.14
%
Charge Injection
CL = 1 nF, VS = 0 V, see Figure 30
5
pC
CS (OFF)
10
pF
CD (OFF)
13
pF
CD (ON), CS (ON)
27
pF
Power Supply Rejection Ratio, PSRR
f = 20 kHz
70
dB
Differential Gain Error
CCIR330 test signal
0.32
%
Differential Phase Error
CCIR330 test signal
0.44
Degrees
LOGIC INPUTS3
A0, A1, A2
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
Input Current, IINL or IINH
VIN = 0 V to VDD
0.005
±1
μA
Input Capacitance, CIN
3
pF
SCL, SDA
Input High Voltage, VINH
0.7 × VDD
VDD + 0.3
V
Input Low Voltage, VINL
−0.3
+0.3 × VDD
V
Input Leakage Current, IIN
VIN = 0 V to VDD
0.005
±1
μA
Input Hysteresis
0.05 × VDD
V
Input Capacitance, CIN
3
pF


Similar Part No. - ADG791A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG791ABCPZ-500RL7 AD-ADG791ABCPZ-500RL7 Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791ABCPZ-REEL AD-ADG791ABCPZ-REEL Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791ACCPZ-500RL7 AD-ADG791ACCPZ-500RL7 Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791ACCPZ-REEL AD-ADG791ACCPZ-REEL Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
More results

Similar Description - ADG791A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
FSAL200 FAIRCHILD-FSAL200_06 Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200 Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
logo
Analog Devices
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com