Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG791G Datasheet(PDF) 11 Page - Analog Devices

Part # ADG791G
Description  Wide Bandwidth, Quad, 2:1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG791G Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG791G_15 Datasheet HTML 7Page - Analog Devices ADG791G_15 Datasheet HTML 8Page - Analog Devices ADG791G_15 Datasheet HTML 9Page - Analog Devices ADG791G_15 Datasheet HTML 10Page - Analog Devices ADG791G_15 Datasheet HTML 11Page - Analog Devices ADG791G_15 Datasheet HTML 12Page - Analog Devices ADG791G_15 Datasheet HTML 13Page - Analog Devices ADG791G_15 Datasheet HTML 14Page - Analog Devices ADG791G_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADG791A/ADG791G
Rev. 0 | Page 11 of 24
INPUT SIGNAL (V)
TYPICAL PERFORMANCE CHARACTERISTICS
3.0
0
03.5
2.5
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
TA =25°C
1 CHANNEL
VDD =2.7V, RL =75Ω
VDD =3V, RL =75Ω
VDD =3.3V, RL =75Ω
VDD =2.7V, RL =1MΩ
VDD =3V, RL =1MΩ
VDD =3.3V, RL =1MΩ
Figure 5. Analog Signal Range, 3 V Supply
5.0
0
06
INPUT SIGNAL (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
12345
TA =25°C
1CHANNEL
VDD =5.5V, RL =1MΩ
VDD =4.5V, RL =1MΩ
VDD =4.5V, RL =75Ω
VDD =5V, RL =75Ω
VDD =5.5V, RL =75Ω
VDD =5V, RL =1MΩ
Figure 6. Analog Signal Range, 5 V Supply
6
0
01.8
4.0
0
03.0
VD (VS)(V)
TA = 25°C
1 CHANNEL
VDD =5.0V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VDD =4.5V
VDD =5.5V
0.5
1.0
1.5
2.0
2.5
.6
VD (VS)(V)
5
4
3
2
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA = 25°C
1 CHANNEL
VDD =2.7V
VDD =3.3V
VDD =3.0V
Figure 7. On Resistance vs. VD (VS), 3 V Supply
Figure 8. On Resistance vs. VD (VS), 5 V Supply
7
0
01
VD (VS)(V)
6
5
4
3
2
1
0.20.40.60.81.01.21.4
TA = 25°C
1 CHANNEL
VDD =3V
TA = +25°C
TA =+85°C
TA =–40°C
Figure 9. On Resistance vs. VD (VS) for Various Temperatures, 3 V Supply
4.5
0
03.0
VD (VS)(V)
TA =+25°C
1 CHANNEL
VDD =5V
TA = +85°C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TA = +25°C
TA = –40°C
0.51.01.52.02.5
Figure 10. On Resistance vs. VD (VS) for Various Temperatures, 5 V Supply


Similar Part No. - ADG791G_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG791GBCPZ-500RL7 AD-ADG791GBCPZ-500RL7 Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791GBCPZ-REEL AD-ADG791GBCPZ-REEL Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791GCCPZ-500RL7 AD-ADG791GCCPZ-500RL7 Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791GCCPZ-REEL AD-ADG791GCCPZ-REEL Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
More results

Similar Description - ADG791G_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
FSAL200 FAIRCHILD-FSAL200_06 Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200 Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
logo
Analog Devices
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com